Electronic Components Datasheet Search
  English  ▼

X  

IL66 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL66
Description  Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL66 Datasheet HTML 1Page - Vishay Siliconix IL66 Datasheet HTML 2Page - Vishay Siliconix IL66 Datasheet HTML 3Page - Vishay Siliconix IL66 Datasheet HTML 4Page - Vishay Siliconix IL66 Datasheet HTML 5Page - Vishay Siliconix IL66 Datasheet HTML 6Page - Vishay Siliconix IL66 Datasheet HTML 7Page - Vishay Siliconix IL66 Datasheet HTML 8Page - Vishay Siliconix IL66 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638
2
Rev. 1.6, 13-Dec-07
IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output,
with Internal RBE (Single, Dual, Quad
Channel)
Note
For additional information on the available options refer to option information.
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
IL66-4X009
CTR
≥ 500 %, SMD-8 (option 9)
ILD66-2X007
CTR
≥ 300 %, SMD-8 (option 7)
ILD66-3X009
CTR
≥ 400 %, SMD-8 (option 9)
ILD66-4X009
CTR
≥ 500 %, SMD-8 (option 9)
ILQ66-4X007
CTR
≥ 500 %, SMD-16 (option 7)
ILQ66-4X009
CTR
≥ 500 %, SMD-16 (option 9)
ORDER INFORMATION
PART
REMARKS
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Peak reverse voltage
VRM
6.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Power dissipation
Pdiss
150
mW
Derate from 25 °C
2.0
mW/°C
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Total package power dissipation
IL66
Ptot
250
mW
ILD66
Ptot
400
mW
ILQ66
Ptot
500
mW
Derate linearly from 25 °C
IL66
3.3
mW/°C
ILD66
5.33
mW/°C
ILQ66
6.67
mW/°C
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Comparative tracking index
CTI
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 125
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.25
1.5
V
Reverse current
VR = 6.0 V
IR
0.1
10
µA
Capacitance
VR = 0 V
CO
25
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com