Electronic Components Datasheet Search
  English  ▼

X  

IL410 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL410
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL410 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL410 Datasheet HTML 1Page - Vishay Siliconix IL410 Datasheet HTML 2Page - Vishay Siliconix IL410 Datasheet HTML 3Page - Vishay Siliconix IL410 Datasheet HTML 4Page - Vishay Siliconix IL410 Datasheet HTML 5Page - Vishay Siliconix IL410 Datasheet HTML 6Page - Vishay Siliconix IL410 Datasheet HTML 7Page - Vishay Siliconix IL410 Datasheet HTML 8Page - Vishay Siliconix IL410 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 83627
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 09-Jan-08
3
IL410/IL4108
Optocoupler, Phototriac Output, Zero
Crossing,
High dV/dt, Low Input Current
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.16
1.35
V
Reverse current
VR = 6.0 V
IR
0.1
10
µA
Input capacitance
VF = 0 V, f = 1.0 MHz
CIN
25
pF
Thermal resistance, junction to ambient
Rthja
750
°C/W
OUTPUT
Off-state voltage
ID(RMS) = 70 µA
IL410
VD(RMS)
424
460
V
IL4108
VD(RMS)
565
V
Repetitive peak off-state voltage
IDRM = 100 µA
IL410
VDRM
600
V
IL4108
VDRM
800
V
Off-state current
VD = VDRM, Tamb = 100 °C,
IF = 0 mA
ID(RMS)1
10
100
µA
VD = VDRM, IF = Rated IFT
ID(RMS)2
200
µA
On-state voltage
IT = 300 mA
VTM
1.7
3.0
V
On-state current
PF = 1.0, VT(RMS) = 1.7 V
ITM
300
mA
Surge (non-repetitive), on-state current
f = 50 Hz
ITSM
3.0
A
Trigger current 1
VD = 5.0 V
IFT1
2.0
mA
Trigger current 2
VOP = 220 V, f = 50 Hz,
Tj = 100 °C, tpF > 10 ms
IFT2
6.0
mA
Trigger current temp. gradient
ΔI
FT1/ΔTj
7.0
14
µA/°C
ΔI
FT2/ΔTj
7.0
14
µA/°C
Inhibit voltage temp. gradient
ΔV
DINH/ΔTj
- 20
mV/°C
Off-state current in inhibit state
IF = IFT1, VDRM
IDINH
50
200
µA
Holding current
IH
65
500
µA
Latching current
VT = 2.2 V
IL
5.0
mA
Zero cross inhibit voltage
IF = Rated IFT
VIH
15
25
V
Turn-on time
VRM = VDM = VD(RMS)
ton
35
µs
Turn-off time
PF = 1.0, IT = 300 mA
toff
50
µs
Critical rate of rise of off-state voltage
VD = 0.67 VDRM, Tj = 25 °C
dV/dtcr
10000
V/µs
VD = 0.67 VDRM, Tj = 80 °C
dVcrq/dt
5000
V/µs
Critical rate of rise of voltage at current
commutation
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms, Tj = 25 °C
dV/dtcrq
10000
V/µs
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms, Tj = 80 °C
dV/dtcrq
5000
V/µs
Critical rate of rise of on-state
dI/dtcrq
8.0
A/µs
Thermal resistance, junction to ambient
Rthja
150
°C/W
COUPLER
Critical rate of rise of coupled
input/output voltage
IT = 0 A, VRM = VDM = VD(RMS)
dVIO/dt
10000
V/µs
Common mode coupling capacitance
CCM
0.01
pF
Capacitance (input to output)
f = 1.0 MHz, VIO = 0 V
CIO
0.8
pF
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com