Electronic Components Datasheet Search
  English  ▼

X  

IL4117 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL4117
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4117 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL4117 Datasheet HTML 1Page - Vishay Siliconix IL4117 Datasheet HTML 2Page - Vishay Siliconix IL4117 Datasheet HTML 3Page - Vishay Siliconix IL4117 Datasheet HTML 4Page - Vishay Siliconix IL4117 Datasheet HTML 5Page - Vishay Siliconix IL4117 Datasheet HTML 6Page - Vishay Siliconix IL4117 Datasheet HTML 7Page - Vishay Siliconix IL4117 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83628
2
Rev. 1.6, 09-Jan-08
IL4116/IL4117/IL4118
Vishay Semiconductors
Optocoupler, Phototriac Output,
Zero Crossing, High dV/dt, Very Low
Input Current
Note
For additional information on the available options refer to option information.
Notes
(1) Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
IL4118-X007
800 V VDRM, SMD-6 (option 7)
IL4118-X009
800 V VDRM, SMD-6 (option 9)
ORDER INFORMATION
PART
REMARKS
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
Thermal resistance
Rth
750
°C/W
OUTPUT
Peak off-state voltage
IL4116
VDRM
600
V
IL4117
VDRM
700
V
IL4118
VDRM
800
V
RMS on-state current
IDRM
300
mA
Single cycle surge
3.0
A
Power dissipation
Pdiss
500
mW
Derate linearly from 25 °C
6.6
mW/°C
Thermal resistance
Rth
150
°C/W
COUPLER
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Isolation test voltage
VIO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Lead soldering temperature (2)
5 s
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com