Electronic Components Datasheet Search
  English  ▼

X  

IL4117 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL4117
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4117 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL4117 Datasheet HTML 1Page - Vishay Siliconix IL4117 Datasheet HTML 2Page - Vishay Siliconix IL4117 Datasheet HTML 3Page - Vishay Siliconix IL4117 Datasheet HTML 4Page - Vishay Siliconix IL4117 Datasheet HTML 5Page - Vishay Siliconix IL4117 Datasheet HTML 6Page - Vishay Siliconix IL4117 Datasheet HTML 7Page - Vishay Siliconix IL4117 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 83628
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 09-Jan-08
3
IL4116/IL4117/IL4118
Optocoupler, Phototriac Output,
Zero Crossing, High dV/dt, Very Low
Input Current
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.3
1.5
V
Breakdown voltage
IR = 10 µA
VBR
6.0
30
V
Reverse current
VR = 6.0 V
IR
0.1
10
µA
Capacitance
VF = 0 V, f = 1.0 MHz
CO
40
pF
Thermal resistance, junction to lead
RthjI
750
°C/W
OUTPUT
Repetitive peak off-state voltage
IDRM = 100 µA
IL4116
VDRM
600
650
V
IL4117
VDRM
700
750
V
IL4118
VDRM
800
850
V
Off-state voltage
ID(RMS) =70 µA
IL4116
VD(RMS)
424
460
V
IL4117
VD(RMS)
494
536
V
IL4118
VD(RMS)
565
613
V
Off-state current
VD = 600, Tamb = 100 °C
ID(RMS)
10
100
µA
On-state voltage
IT = 300 mA
VTM
1.7
3.0
V
On-state current
PF = 1.0, VT(RMS) = 1.7 V
ITM
300
mA
Surge (non-repetitive, on-state current)
f = 50 Hz
ITSM
3.0
A
Holding current
VT = 3.0 V
IH
65
200
µA
Latching current
VT = 2.2 V
IL
5.0
mA
LED trigger current
VAK = 5.0 V
IFT
0.7
1.3
mA
Zero cross inhibit voltage
IF = rated IFT
VIH
15
25
V
Critical rate of rise off-state voltage
VRM, VDM = 400 VAC
dV(MT)/dt
10000
V/µs
VRM, VDM = 400 VAC,
Tamb = 80 °C
dV(MT)/dt
2000
V/µs
Commutating voltage
VRM, VDM = 400 VAC
dV(COM)/dt
10000
V/µs
VRM, VDM = 400 VAC,
Tamb = 80 °C
dV(COM)/dt
2000
V/µs
Commutating current
IT = 300 mA
dI/dt
100
A/ms
Thermal resistance, junction to lead
RthjI
150
°C/W
COUPLER
Critical state of rise of coupler
input-output voltage
IT = 0 A, VRM = VDM = 424 VAC
dV(IO)/dt
10000
V/µs
Capacitance (input to output)
f = 1.0 MHz, VIO = 0 V
CIO
0.8
pF
Common mode coupling capacitance
CCM
0.01
pF
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
VRM = VDM = 424 VAC
ton
35
µs
Turn-off time
PF = 1.0, IT = 300 mA
toff
50
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com