Electronic Components Datasheet Search
  English  ▼

X  

TLV1544IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544IPWR
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544IPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLV1544IPWR Datasheet HTML 1Page - Texas Instruments TLV1544IPWR Datasheet HTML 2Page - Texas Instruments TLV1544IPWR Datasheet HTML 3Page - Texas Instruments TLV1544IPWR Datasheet HTML 4Page - Texas Instruments TLV1544IPWR Datasheet HTML 5Page - Texas Instruments TLV1544IPWR Datasheet HTML 6Page - Texas Instruments TLV1544IPWR Datasheet HTML 7Page - Texas Instruments TLV1544IPWR Datasheet HTML 8Page - Texas Instruments TLV1544IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TLV1544 has four analog input channels while the TLV1548 has eight analog input channels. The
TLV1544C and TLV1548C are characterized for operation from 0
°C to 70°C. The TLV1544I and TLV1548I are
characterized for operation over the full industrial temperature range of –40
°C to 85°C. The TLV1548M is
characterized for operation over the full military temperature range of –55
°C to 125°C.
functional block diagram
Analog
MUX
Self-Test
Reference
Input
Data
Register
Control
Logic
and
I/O
Counters
10-Bit ADC
(Switch Capacitors)
Output Data Register
10-to-1
Data Selector
Sample
and
Hold Function
CLOCK
A0–A7
REF+
REF–
DATA IN
DATA OUT
EOC
FS
CS
CSTART
INV CLK
I/O CLK
Terminals shown are for the DB package.
1–8
14
13
17
16
19
12
15
9
11
18
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DB)
(D)
(PW)
(J)
(FK)
0
°C to 70°C
TLV1548CDB
TLV1544CD
TLV1544CPW
–40
°C to 85°C
TLV1548IDB
TLV1544ID
TLV1544IPW
–55
°C to 125°C
TLV1548MJ
TLV1548MFK
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR†
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
A
POWER RATING
DB
D
785 mW
799 mW
8.7 mW/
°C
8 9 mW/
°C
393 mW
399 mW
261 mW
266 mW
—
—
D
PW
J
799 mW
604 mW
1894 mW
8.9 mW/
°C
6.7 mW/
°C
15 1 mW/
°C
399 mW
302 mW
1212 mW
266 mW
201 mW
985 mW
—
—
379 mW
J
FK
1894 mW
1375 mW
15.1 mW/
°C
11.0 mW/
°C
1212 mW
880 mW
985 mW
715 mW
379 mW
275 mW
† This is the inverse of the traditional junction-to-ambient thermal resistance (R
ΘJA). RΘJA values are derived from Texas Instruments
characterization data. Thermal resistance is not production tested and values are given for informational purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com