Electronic Components Datasheet Search
  English  ▼

X  

TLV1544IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544IPWR
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV1544IPWR Datasheet HTML 17Page - Texas Instruments TLV1544IPWR Datasheet HTML 18Page - Texas Instruments TLV1544IPWR Datasheet HTML 19Page - Texas Instruments TLV1544IPWR Datasheet HTML 20Page - Texas Instruments TLV1544IPWR Datasheet HTML 21Page - Texas Instruments TLV1544IPWR Datasheet HTML 22Page - Texas Instruments TLV1544IPWR Datasheet HTML 23Page - Texas Instruments TLV1544IPWR Datasheet HTML 24Page - Texas Instruments TLV1544IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after CS
↓ before responding to control input
signals. No attempt should be made to clock in input data until the minimum CS setup time elapses.
I/O CLK
DI
DO
EOC
CS
(see
Note A)
FS
1
2
3
45
6
7
8
9
10
Sample
MSB
MSB
LSB
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Hi-Z
Hi-Z
A3
A2
A1
A0
Address Sampled
Conversion Starts on 10th I/O CLK
↓
(6 I/O CLKs)
Access
11
12
13
14
15
16
Hold/Conversion
CS Rise After 16th I/O CLK
↓
Initialize Counter
0s
td(EOC
↑-CS↓)
Initialize State Machine
7 I/O CLKs
Maximum
Figure 18. DSP Interface Timing (16-Clock Transfer, Normal Sample Mode, INV CLK = High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com