Electronic Components Datasheet Search
  English  ▼

X  

FSM75N75 Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSM75N75
Description  N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSM75N75 Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSM75N75 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
N-CHANNEL 75V 0.0097Ω 80A POWER MOSFET
2007-7-27
7/9
FSM75N75
ORDERING INFORMATION
MARKING INFORMATION
FSM75N75XX
Package:
T: TO220-3L
Packing:
Blank: Tube or Bulk
75N75
YYWWXX
Logo
Part Number
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com