Electronic Components Datasheet Search
  English  ▼

X  

FSM75N75 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSM75N75
Description  N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSM75N75 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSM75N75 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-CHANNEL 75V 0.0097Ω 80A POWER MOSFET
2007-7-27
1/9
FSM75N75
INTERNAL SCHEMATIC DIAGRAM AND EXTERIOR
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDSS
TJ = 25°C to 150°C
75
V
VGS
Continuous
± 20
V
Drain current (continuous) at TC = 25°C
80
ID
Drain current (continuous) at TC = 100°C
65
A
IDM
Drain current (pulsed with limited by TJM) at TC = 25°C
320
A
TJ = 25°C
200
W
PD
Derating Factor
1.5
W/°C
dv/dt
Peak diode recovery voltage slope
(ISD≤80A, di/dt≤300A/µs, VDD≤V(BR)DSS, TJ≤TJMAX)
15
V/ns
EAS
TJ = 25°C, ID = 40A, VDD= 38V
700
mJ
TJ
Max operating junction temperature
160
°C
Tstg
Storage temperature
-55 to 160
°C
FEATURES
Part No
VDSS
(at Tj(max))
RDS(on)
ID
FSM75N75
75V
<0.011Ω
80A
Exceptional dv/dt capability
100% avalanche tested
Low intrinsic capacitances
GENERAL DESCRIPTION
This Power MOSFET series has specifically been
designed to minimize input capacitance and gate
charge. It is therefore suitable as primary switch in
advanced high-efficiency, high-frequency isolated
DC-DC converters for Telecom and Computer
applications. It is also intended for any applications
with low gate drive requirements.
APPLICATIONS
DC motor control
Solenoid and relay drivers
DC-DC Converters
Automotive environment
ADVANTAGES
Easy to mount
Space savings
High power density


Similar Part No. - FSM75N75

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSM781D SANYO-FSM781D Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM781S SANYO-FSM781S Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM782D SANYO-FSM782D Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM782S SANYO-FSM782S Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM783D SANYO-FSM783D Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
More results

Similar Description - FSM75N75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_06 Datasheet
523Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
logo
Unisonic Technologies
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
80A, 75V N-CHANNEL POWER MOSFET
logo
Guilin Strong Micro-Ele...
GMP80N75 GSME-GMP80N75 Datasheet
206Kb / 2P
N-channel 75V 10m廓, 80A TO-220 Trench Power MOSFET
logo
E-CMOS Corporation
EC7375N75 E-CMOS-EC7375N75 Datasheet
679Kb / 7P
75V, 80A N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK80N08 FS-FTK80N08 Datasheet
630Kb / 6P
N-CHANNEL MOSFET (75V/80A, Rds=6.5m廓)
logo
Shindengen Electric Mfg...
P80FG7R5EN SHINDENGEN-P80FG7R5EN Datasheet
1Mb / 7P
Power MOSFETs 75V, 80A, N-channel
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com