Electronic Components Datasheet Search
  English  ▼

X  

FSP2133 Datasheet(PDF) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2133
Description  300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2133 Datasheet(HTML) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2133 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
2007-4-19
5/8
FSP2133
example let the input voltage VIN=3.3V, the output current IO=300mA and the case temperature TA=40℃ measured
by a thermal couple during operation. The power dissipation for the VO=2.8V version of the FSP2133 can be
calculated as:
PD=(3.3V-2.8V)*300mA+3.3V*70μA 150mW
≌
And the junction temperature, TJ, can be calculated as follows:
TJ=TA+PD*θJA
TJ=40℃+0.15W*250℃/W
=77.5℃<TJ(MAX) =125℃
For this operating condition, TJ, is lower than the absolute maximum operating junction temperature, 125℃, so it is
safe to use the FSP2133 in this configuration.
TYPICAL PERFORMANCE CHARACTERISTICS
(V0 = 1.2V, CIN = 1µF, CO = 2.2µF , TA = 25°C unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com