Electronic Components Datasheet Search
  English  ▼

X  

FSP2133 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2133
Description  300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2133 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2133 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2133 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
2007-4-19
1/8
FSP2133
APPLICATIONS
Cordless phones
Cellular phones
Bluetooth earphones
Digital Cameras
Portable electronics
WLANs
MP3 players
PIN CONFIGURATION
(Top View)
PIN DESCRIPTION
BLOCK DIAGRAM
Pin Number
Pin Name
Pin Function
1
VIN
Input
2
GND
Ground
3
EN
Chip Enable (active high)
4
ADJ
Adjustable pin
5
VOUT
Output
FEATURES
Low dropout voltage: 180mV at 300mA (Vo=3.3V)
Quiescent current: Typ. 65µA
±2% Voltage Accuracy
High PSRR: 67dB at 100Hz
Thermal Shutdown
Current Limiting
Excellent line and load regulation
Fast response
Short circuit protection
Low temperature coefficient
Shutdown current: 0.5µA
Space saving SOT23-5L package
GENERAL DESCRIPTION
The FSP2133 is a positive adjustable voltage linear
regulator features low quiescent current (Typ. 65µA)
and low dropout voltage, making it ideal for battery
powered applications. Their high PSRR make them
useful in applications where AC noise on the input
power supply must be suppressed. Space saving
SOT23-5L package is attractive for portable and
handheld applications. They have both thermal
shutdown and a current limit feature to prevent device
failure from extreme operating conditions. They are
stable with an output capacitor of 2.2µF or greater.
5
4
1
2
3


Similar Part No. - FSP2133

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C18AD FOSLINK-FSP2130C18AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C25AD FOSLINK-FSP2130C25AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C285AD FOSLINK-FSP2130C285AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C28AD FOSLINK-FSP2130C28AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
More results

Similar Description - FSP2133

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com