Electronic Components Datasheet Search
  English  ▼

X  

FSP3604 Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3604
Description  3W HIGH POWER WHITE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3604 Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3604 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3W HIGH POWER WHITE LED DRIVER
2007-7-13
4/6
FSP3604
PCB Layout Guidelines
As for all switching power supplies, the layout and components placement of the FSP3604 is an important step in
the design; especially at high peak currents and high switching frequencies.
The input capacitor and output capacitor should be placed respectively as close as possible to the input pin and
output pin of the IC; the inductor and schottky diode should be placed as close as possible to the switch pin by using
wide and short traces for the main current path; the current sense resistor should be placed as close as possible
between the ground pin and feedback pin.
TYPICAL CHARACTERISCITS
(L=2.2uH, CIN=10uF, CO=10uF, TA=25℃, Unless otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com