Electronic Components Datasheet Search
  English  ▼

X  

FSP3604 Datasheet(PDF) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3604
Description  3W HIGH POWER WHITE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3604 Datasheet(HTML) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3604 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3W HIGH POWER WHITE LED DRIVER
2007-7-13
5/6
FSP3604
TYPICAL CHARACTERISCITS (CONTINUED)
(L=2.2uH, CIN=10uF, CO=10uF, TA=25℃, Unless otherwise noted)
ORDERING INFORMATION
MARKING INFORMATION
FSP3604XXX
Package:
C: SOT23-6L
Packing:
A: Tape & Reel
Temperature Grade:
D: -40~85℃
XXVYW
Voltage Code
Product Code
Date code:
Y: Year (1=2001)
W: Week (A~Z, a~z)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com