Electronic Components Datasheet Search
  English  ▼

X  

TDA7466 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7466
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7466 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7466 Datasheet HTML 11Page - STMicroelectronics TDA7466 Datasheet HTML 12Page - STMicroelectronics TDA7466 Datasheet HTML 13Page - STMicroelectronics TDA7466 Datasheet HTML 14Page - STMicroelectronics TDA7466 Datasheet HTML 15Page - STMicroelectronics TDA7466 Datasheet HTML 16Page - STMicroelectronics TDA7466 Datasheet HTML 17Page - STMicroelectronics TDA7466 Datasheet HTML 18Page - STMicroelectronics TDA7466 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SRS SPACE CONTROL: ATTENUATION SELECTION
MSB
LSB
SPACE ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
1 dB STEPS
000
0
001
-1
010
-2
011
-3
100
-4
101
-5
110
-6
111
-7
8 dB STEPS
000
0
001
-8
010
-16
011
-24
MUTE
1
XXXX
X
X = DON’T CARE
SPEAKER/RECORD ATTENUATION = 0dB
∼ -31dB
SRS CENTER CONTROL: ATTENUATION SELECTION
MSB
LSB
CENTER ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
1 dB STEPS
000
0
001
-1
010
-2
011
-3
100
-4
101
-5
110
-6
111
-7
8 dB STEPS
000
0
001
-8
010
-16
011
-24
MUTE
1
XXXX
X
SRS INPUT
0
NO SURROUND SIGNAL
1
SURROUND SIGNAL
SRS SWITCH
0
SRS ON
1
SRS OFF
X = DON’T CARE
SPACE ATTENUATION = 0dB
∼ -31dB
RECOMMENDED TO ATTENUATE -3dB IN INPUT ATTENUATION DURING ”SRS OFF”
TO FULFILL SRS BYPASS MODE WHEN SRS FUNCTION IS USED
TDA7466
15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com