Electronic Components Datasheet Search
  English  ▼

X  

TDA7466 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7466
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7466 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7466 Datasheet HTML 12Page - STMicroelectronics TDA7466 Datasheet HTML 13Page - STMicroelectronics TDA7466 Datasheet HTML 14Page - STMicroelectronics TDA7466 Datasheet HTML 15Page - STMicroelectronics TDA7466 Datasheet HTML 16Page - STMicroelectronics TDA7466 Datasheet HTML 17Page - STMicroelectronics TDA7466 Datasheet HTML 18Page - STMicroelectronics TDA7466 Datasheet HTML 19Page - STMicroelectronics TDA7466 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
POWER ON RESET
SURROUND & OUT CONTROL+ EFFECT CONTROL
OFF + FIX + MAX ATTENUATION
SPEAKER/RECORD ATTENUATION L &R MODE
MUTE + ZERO CROSS ATT.OFF
INPUT ATTENUATION + REAR SWITCH
MAX ATTENUATION + ON
NATURAL BASE
OFF
VOICE CANCELLER
OFF
INPUT
IN1
MIX SWITCH
NO MIX PIN
SRS SURROUND
OFF + MAX ATTENUATION
BASS & MIDDLE
2dB
TREBLE
0dB
VS
D96AU477
20
µA
GND
GND
10
GND
PIN: L-OUT, R-OUT, RECOUT-L, RECOUT-R
50K
GND
VS
VREF
D94AU200
20
µA
PIN: L-IN, R-IN
5.5K
60K
GND
VS
HP1
D94AU199
20
µA
5.5K
PIN: HP2
10K
60K
GND
VS
LP1
HP2
D94AU198
PIN: HP1
PIN DESCRIPTION
TDA7466
16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com