Electronic Components Datasheet Search
  English  ▼

X  

TDA7500 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7500 Datasheet HTML 5Page - STMicroelectronics TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics TDA7500 Datasheet HTML 10Page - STMicroelectronics TDA7500 Datasheet HTML 11Page - STMicroelectronics TDA7500 Datasheet HTML 12Page - STMicroelectronics TDA7500 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FUNCTIONAL DESCRIPTION.
The TDA7500 IC broken up into two distinct
blocks. One block contains the two DSP Cores
and their associated peripherals. The other con-
tains the ADC, DAC and the RDS filter, demodu-
lator and decoder.
24-BIT DSP CORE.
The two DSP cores are used to process the
audio and FM/AM data, coming from the ADC,
either any kind of digital data coming via SPDIF
or SAI. After the digital signal processing these
data are sent to the DAC for analog conversion.
Functions such as volume, tone, balance, and
fader control, as well as spatial enhancement and
general purpose signal processing may be per-
formed by the DSP0. When FM/AM mode is se-
lected, DSP1 is fully devoted to AM/FM process-
ing. Nevertheless it can be used for any kind of
different application,
when a different input
source is selected.
Some capabilities of the DSPs are listed below:
Single cycle multiply and accumulate with con-
vergent rounding and condition code generation
2 x 56-bit Accumulators
Double precision multiply
Scaling and saturation arithmetic
48-bit or 2 x 24-bit parallel moves
64 interrupt vector locations
Fast or long interrupts possible
Programmable interrupt priorities and masking
8 each of Address Registers, Address Offset
Registers and Address Modulo Registers
Linear, Reverse Carry, Multiple Buffer Modulo,
Multiple Wrap-around Modulo address arith-
metic
Post-increment or decrement by 1 or by offset,
Index by offset, predecrement address
Repeat instruction and zero overhead DO
loops
Hardware stack capable of nesting combina-
tions of 7 DO loops or 15 interrupts/subrou-
tines
Bit manipulation instructions possible on all
registers and memory locations. Also Jump on
bit test.
4 pin serial debug interface
Debug ccess to all internal registers, buses
and memory locations
5 word deep program address history FIFO
Hardware and software breakpoints for both
program and data memory accesses
Debug Single stepping, Instruction injection
and Disassembly of program memory
DSP PERIPHERALS
There are a number of peripherals that are tightly
coupled to the two DSP Cores. Same of the pe-
ripherals are connected to DSP 0 others are con-
nected to DSP1.
512 x 24-Bit X-RAM.
512 x 24-Bit Y-RAM.
1024 x 24-Bit Program RAM (5.5K x 24 for
DSP1)
128 x 24-Bit Boot ROM for each DSP.
Serial Audio Interface (SAI)
SPDIF receiver with sampling rate conversion
I
2C and SPI interface
XCHG Interface for DSP to DSP communica-
tion.
External Memory Interface (DRAM/SRAM) for
time-delay and traffic information.
Double Debug Port
DATA AND PROGRAM MEMORY
Both DSP0 and DSP1 have an identical set of
Data and Program memories attached to them.
Each of the memories are described below and it
is implied that there are two of each type, one set
connected to DSP0 and the other to DSP1. The
only exception is the case of the P-RAM where
DSP0 has a 1024 x 24-Bit PRAM and DSP1 has
a 5.5K x 24-Bit PRAM.
512 x 24-Bit X-RAM (XRAM)
This is a 512 x 24-Bit Single Port SRAM used for
storing coefficients. The 16-Bit XRAM address,
XABx(15:0) is generated by the Address Genera-
tion Unit of the DSP core. The 24-Bit XRAM Data,
XDBx(23:0), may be written to and read from the
Data ALU of the DSP core. The XDBx Bus is also
connected to the Internal Bus Switch so that it
can be routed to and from all peripheral blocks.
512 x 24 Bit Y-RAM (YRAM)
This is a 512 x 24-Bit Single Port SRAM used for
storing
coefficients.
The
16-Bit
address,
YABx(15:0) is generated by the Address Genera-
tion Unit of the DSP core. The 24-Bit Data,
YDBx(23:0), is written to and read from the Data
ALU of the DSP core. The YDBx Bus is also con-
nected to the Internal Bus Switch so that it can be
routed to and from other blocks.
1024 x 24-Bit Program RAM (PRAM 5.5K x 24-bit
for DSP1)
This is a 1024 x 24-Bit Single Port SRAM used
for storing and executing program code. The 16-
TDA7500
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com