Electronic Components Datasheet Search
  English  ▼

X  

TDA7500 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics TDA7500 Datasheet HTML 10Page - STMicroelectronics TDA7500 Datasheet HTML 11Page - STMicroelectronics TDA7500 Datasheet HTML 12Page - STMicroelectronics TDA7500 Datasheet HTML 13Page - STMicroelectronics TDA7500 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Every component hooked up to the I
2C bus has
its own unique address whether it is a CPU,
memory or some other complex function chip.
Each of these chips can act as a receiver and /or
transmitter on its functionality.
General Purpose Input/Output
The DSP requires a set of external general pur-
pose input/output lines, and a reset line. These
signals are used by external devices to signal
events to the DSP. The GPIO lines are imple-
mented as DSP ’s peripherals. The GPIO lines
are grouped in Port A which is connected to DSP
0, and Port B, which is connected to DSP1.
PLL Clock Oscillator
The PLL Clock Oscillator can accept an external
clock at XTI or it can be configured to run an in-
ternal oscillator when a crystal is connected
across pins XTI & XTO. There is an input divide
block IDF (1 -> 32) at the XTI clock input and a
multiply block MF (9 -> 128) in the PLL loop.
Hence the PLL can multiply the external input
clock by a ratio MF/IDF to generate the internal
clock. This allows the internal clock to be within 1
MHz of any desired frequency even when XTI is
much greater than 1 MHz. It is recommended that
the input clock is not divided down to less than 1
MHz as this reduces the Phase Detector’s update
rate.
The clocks to the DSP can be selected to be
either the VCO output divided by 2 to 16, or be
driven by the XTI pin directly.
The crystal oscillator and the PLL will be gated off
when entering the power-down mode (by setting
a register on DSP0).
Codec
The CODEC is composed of four AD mono con-
verters, three DA stereo converters. The ADC
can operate both in audio mode and in FM/AM
mode. When in audio mode, it converts the audio
bandwidth from 20 to 20KHz. The A to D is a third
order Sigma-Delta converter, the converter reso-
lutions is 20 bit with 93 dB of dynamic range and
85dB of total harmonic distortion. When in FM
mode, the converted bandwidth is up to 192KHz.
The D to A is a third order Sigma-Delta converter
with a low noise reconstructing analog filter, the
converter resolution is 20 bit with 93 dB of dy-
namic range and 85dB of total harmonic distor-
tion. All the reference voltages are generated in-
side the chip.
Some capabilities of the CODEC are listed below:
20-Bit Resolution
Digital Anti-Alias Filtering embedded
Adjustable System Sampling Rates
93dB D/A Dynamic Range (A-Weighted)
93dB A/D Dynamic Range (A-Weighted)
85dB D/A (THD+N/S)
85dB A/D (THD+N/S)
Internal Differential Analog Architecture
+3.3V Power Supply
SOFTWARE FEATURES
A great flexibility is guaranteed by the two program-
mable DSP cores. A list of the main software func-
tions which can be implemented in the TDA7500 is
enclosed hereafter. A block diagram of the audio
processing flow is shown in Fig. 1 below.
AM/FM Baseband Signal Processing
FM weak signal processing
Integrated 19 kHz MPX filter and deemphasis
flexible noise cancellation
flexible multipath detector
Generic Audio Signal Processsing
Loudness
Bass, treble, fader control
Volume control
Distortion Limiting
Premium Equalization
Soft mute
TAPE Signal Processsing
Dolby B Noise Reduction
Automatic Music Search
CD Signal Proceessing
Dynamic Range Compression
Audiophile (optional)
Parametric Equalization
Crossover Patters
Channel Delays
Center Channel Imaging Output
Audio Noise Reduction
Application Scheme
The TDA7500 can operate as a standalone de-
vice either it can interface the TDA7501 which
contains the analog input multiplexer, analog vol-
ume control and the line-driver. The FM_MPX
and FM_LEVEL signals coming from the tuner
and other signals supplied by analog sources are
adapted by the TDA7501 and fed to the
TDA7500. A block diagram of the system is
shown in Fig.2 below.
The TDA7500 converts all the analog signals into
TDA7500
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com