Electronic Components Datasheet Search
  English  ▼

X  

CTC4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CTC4
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CTC4 Datasheet(HTML) 5 Page - Vishay Siliconix

  CTC4 Datasheet HTML 1Page - Vishay Siliconix CTC4 Datasheet HTML 2Page - Vishay Siliconix CTC4 Datasheet HTML 3Page - Vishay Siliconix CTC4 Datasheet HTML 4Page - Vishay Siliconix CTC4 Datasheet HTML 5Page - Vishay Siliconix CTC4 Datasheet HTML 6Page - Vishay Siliconix CTC4 Datasheet HTML 7Page - Vishay Siliconix CTC4 Datasheet HTML 8Page - Vishay Siliconix CTC4 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40112
52
Revision: 14-May-08
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(µA)
MAX. DF
at + 25 °C
(%)
MAX. ESR
at + 25 °C
100 kHz (
Ω)
IMPEDANCE
(Z)
at + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
20 VDC at + 85 °C, 13 VDC at + 125 °C
0.68
A
793DX684(1)020A(2)
0.5
4
10
13.0
0.09
0.68
A
793DE684(1)020A(2)
0.5
4
10
13.0
0.09
0.68
A
CTC3684(1)020A(2)
0.5
4
10
13.0
0.09
0.68
A
CTC4684(1)020A(2)
0.5
4
10
13.0
0.09
1.0
A
793DE105(1)020A(2)
0.5
4
8.4
11.0
0.09
2.2
B
793DX225(1)020B(2)
0.5
6
3.5
6.0
0.16
2.2
B
793DE225(1)020B(2)
0.5
6
3.5
6.0
0.16
2.2
B
CTC3225(1)020B(2)
0.5
6
3.5
6.0
0.16
2.2
B
CTC4225(1)020B(2)
0.5
6
3.5
6.0
0.16
3.3
B
793DE335(1)020B(2)
0.7
6
3.0
4.5
0.17
6.8
C
793DX685(1)020C(2)
1.4
6
1.9
2.5
0.24
6.8
C
793DE685(1)020C(2)
1.4
6
1.9
2.5
0.24
6.8
C
CTC3685(1)020C(2)
1.4
6
1.9
2.5
0.24
6.8
C
CTC4685(1)020C(2)
1.4
6
1.9
2.5
0.24
15
D
793DX156(1)020D(2)
3.0
6
0.9
1.5
0.41
15
D
793DE156(1)020D(2)
3.0
6
0.9
1.5
0.41
15
D
CTC3156(1)020D(2)
3.0
6
0.9
1.5
0.41
15
D
CTC4156(1)020D(2)
3.0
6
0.9
1.5
0.41
22
D
793DX226(1)020D(2)
4.4
6
0.7
1.2
0.46
22
D
793DE226(1)020D(2)
4.4
6
0.7
1.2
0.46
22
D
CTC3226(1)020D(2)
4.4
6
0.7
1.2
0.46
22
D
CTC4226(1)020D(2)
4.4
6
0.7
1.2
0.46
25 VDC at + 85 °C, 16 VDC at + 125 °C
0.47
A
793DX474(1)025A(2)
0.5
4
12
14.0
0.08
0.47
A
793DE474(1)025A(2)
0.5
4
12
14.0
0.08
0.47
A
CTC3474(1)025A(2)
0.5
4
12
14.0
0.08
0.47
A
CTC4474(1)025A(2)
0.5
4
12
14.0
0.08
0.68
A
793DE474(1)025A(2)
0.5
4
8.4
11.0
0.09
1.5
B
793DX155(1)025A(2)
0.5
6
4.6
7.0
0.14
1.5
B
793DX155(1)025A(2)
0.5
6
4.6
7.0
0.14
1.5
B
CTC3155(1)025A(2)
0.5
6
4.6
7.0
0.14
1.5
B
CTC4155(1)025A(2)
0.5
6
4.6
7.0
0.14
2.2
B
793DE225(1)025B(2)
0.6
6
3.8
5.0
0.15
4.7
C
793DX475(1)025C(2)
1.2
6
2.0
2.8
0.24
4.7
C
793DE475(1)025C(2)
1.2
6
2.0
2.8
0.24
4.7
C
CTC3475(1)025C(2)
1.2
6
2.0
2.8
0.24
4.7
C
CTC4475(1)025C(2)
1.2
6
2.0
2.8
0.24
10
D
793DX106(1)025D(2)
2.5
6
1.0
1.5
0.39
10
D
793DE106(1)025D(2)
2.5
6
1.0
1.5
0.39
10
D
CTC3106(1)025D(2)
2.5
6
1.0
1.5
0.39
10
D
CTC4106(1)025D(2)
2.5
6
1.0
1.5
0.39
15
D
793DX156(1)025D(2)
3.8
6
0.8
1.2
0.43
15
D
793DE156(1)025D(2)
3.8
6
0.8
1.2
0.43
15
D
CTC3156(1)025D(2)
3.8
6
0.8
1.2
0.43
15
D
CTC4156(1)025D(2)
3.8
6
0.8
1.2
0.43
Notes:
• (1) Tolerance: X0, X9
• (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com