Electronic Components Datasheet Search
  English  ▼

X  

CTC4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CTC4
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CTC4 Datasheet(HTML) 1 Page - Vishay Siliconix

  CTC4 Datasheet HTML 1Page - Vishay Siliconix CTC4 Datasheet HTML 2Page - Vishay Siliconix CTC4 Datasheet HTML 3Page - Vishay Siliconix CTC4 Datasheet HTML 4Page - Vishay Siliconix CTC4 Datasheet HTML 5Page - Vishay Siliconix CTC4 Datasheet HTML 6Page - Vishay Siliconix CTC4 Datasheet HTML 7Page - Vishay Siliconix CTC4 Datasheet HTML 8Page - Vishay Siliconix CTC4 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40112
48
Revision: 14-May-08
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
FEATURES
• Terminations: 100 % Matte Tin, standard,
Tin/Lead available
• Compliant terminations
• Molded case available in four case codes
• Compatible with “High Volume” automatic pick
and place equipment
• Optical character recognition qualified
•
CECC
30801/005 - 793DX
30801/009 - CTC3
30801/011 - CTC4
30801/801 - 793DE
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 0.10 µF to 100 µF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
Notes:
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
Effective July 15, 2008, part numbers with solderable termination codes “2T” and “2W” may have either matte tin or tin/lead terminations. Codes
2TE3 and 2WE3 specify only matte tin terminations. Codes 8T and 8W specify only tin/lead terminations.
* Pb containing terminations are not RoHS compliant, exemptions may apply
ORDERING INFORMATION
793DX
106
X0
010
B
2WE3
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
at + 85 °C
CASE CODE
TERMINATION AND
PACKAGING
793DE
CTC3
CTC4
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow.
X9 = ± 10 %
X0 = ± 20 %
This is expressed in V. To
complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
See Ratings and
Case Codes Table.
2TE3: Matte Tin , 7" (178 mm) reel
2WE3: Matte Tin, 13" (330 mm) reel
8T: Tin/Lead, 7" (178 mm) reel
8W: Tin/Lead, 13" (330 mm) reel
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
L
T MIN.
H
H
W
T
W
P
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - CTC4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CTC4106X0010B2TE3 VISHAY-CTC4106X0010B2TE3 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
CTC4106X0010B2WE3 VISHAY-CTC4106X0010B2WE3 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
CTC4106X0010B8T VISHAY-CTC4106X0010B8T Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
CTC4106X0010B8W VISHAY-CTC4106X0010B8W Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
CTC4106X9010B2TE3 VISHAY-CTC4106X9010B2TE3 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
More results

Similar Description - CTC4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D VISHAY-293D_08 Datasheet
109Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
05-May-08
593D VISHAY-593D_08 Datasheet
117Kb / 6P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
20-Oct-08
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
04-Jun-08
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
09-Apr-13
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
04-Jul-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
02-Jun-09
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
20-Feb-09
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
09-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com