Electronic Components Datasheet Search
  English  ▼

X  

893D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 893D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

893D Datasheet(HTML) 1 Page - Vishay Siliconix

  893D Datasheet HTML 1Page - Vishay Siliconix 893D Datasheet HTML 2Page - Vishay Siliconix 893D Datasheet HTML 3Page - Vishay Siliconix 893D Datasheet HTML 4Page - Vishay Siliconix 893D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40008
60
Revision: 08-Feb-08
893D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
FEATURES
• Terminations: 100 % Matte Tin standard,
Tin/Lead available
• Molded package available in three case
codes
• Compatible with “High Volume” automatic pick
and place
• Electrically activated internal fuse
• Meets
EIA
535BAAC
and
IEC
specification
QC300801/US0001
• Fuse activation at 25 °C: 0.1 second max. with 5 A min.
applied current
• 100 % surge current tested (D and E Case codes)
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 0.47 µF to 470 µF
Voltage Rating: 4 VDC to 50 VDC
Capacitance Tolerance: ± 10 %, ± 20 %
Note: References
Molded Guide:
http://www.vishay.com/docs/40074/molded.pdf
Performance Characteristics:
http://www.vishay.com/docs/40088/perfchar.pdf
Note:
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same size.
Voltage substitutions will be marked with the higher voltage rating.
Effective February 2008, Tin/Lead codes 2T and 2W will no longer be available. Tin/Lead replacement codes are 8T and 8W.
Available Matte Tin and Tin/Lead codes are shown in Termination and Packaging ordering information.
* Pb containing terminations are not RoHS compliant
Available
Pb-free
RoHS*
COMPLIANT
ORDERING INFORMATION
893D
106
X0
010
B
2WE3
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION AND PACKAGING
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow
X9 = ± 10 %
X0 = ± 20 %
This is expressed in V. To
complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V)
See Ratings and
Case Codes Table
2TE3: Matte Tin, 7" (178 mm) reel
2WE3: Matte Tin, 13" (330 mm) reel
8T: Tin/Lead, 7" (178 mm) reel
8W: Tin/Lead, 13" (330 mm) reel
DIMENSIONS in inches [millimeters]
EIA SIZE
L
W
H
P
TW
TH (MIN.)
C
6032 - 28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343 - 31
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343 - 43
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.158 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
L
T
MIN.
H
H
W
T
W
P


Similar Part No. - 893D

ManufacturerPart #DatasheetDescription
logo
3M Electronics
893 3M-893 Datasheet
559Kb / 4P
3M??Scotch짰 Filament Tape 893
logo
Copyright BG
893 BG-893 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
Keystone Electronics Co...
893 KEYSTONE-893 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
FACOM. All rights reser...
893 FACOM-893 Datasheet
280Kb / 1P
Short tape measures
logo
English Chain Co. Ltd
893 50 ENGLISHCHAIN-893 50 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - 893D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
09-Apr-13
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
26-Jun-13
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
16-Sep-09
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
04-Jul-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
13-Sep-16
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
26-Oct-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com