Electronic Components Datasheet Search
  English  ▼

X  

893D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 893D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

893D Datasheet(HTML) 4 Page - Vishay Siliconix

  893D Datasheet HTML 1Page - Vishay Siliconix 893D Datasheet HTML 2Page - Vishay Siliconix 893D Datasheet HTML 3Page - Vishay Siliconix 893D Datasheet HTML 4Page - Vishay Siliconix 893D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 40008
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 08-Feb-08
63
893D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Vishay Sprague
Notes:
(1) Capacitance tolerance: Specify “X9” for 10 % and “X0” for 20 %
(2) Termination and packaging: Specify 2TE3 or 2WE3 for lead (Pb)-free and 8T or 8W for Tin/Lead
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
20 VDC AT + 85 °C, 13 VDC AT + 125 °C
4.7
C
893D475(1)020C(2)
0.9
6
2.0
0.22
6.8
C
893D685(1)020C(2)
1.4
6
1.9
0.24
10
C
893D106(1)020C(2)
2.0
6
1.6
0.26
15
C
893D156(1)020C(2)
3.0
6
1.4
0.28
15
D
893D156(1)020D(2)
3.0
6
0.9
0.41
22
D
893D226(1)020D(2)
4.4
6
0.7
0.46
33
D
893D336(1)020D(2)
6.6
6
0.7
0.46
33
E
893D336(1)020E(2)
6.6
6
0.7
0.49
47
E
893D476(1)020E(2)
9.4
6
0.6
0.52
68
E
893D686(1)020E(2)
13.6
6
0.6
0.52
25 VDC AT + 85 °C, 17 VDC AT + 125 °C
2.2
C
893D225(1)025C(2)
0.9
6
2.8
0.21
3.3
C
893D335(1)025C(2)
0.8
6
2.3
0.22
4.7
C
893D475(1)025C(2)
1.2
6
1.9
0.24
6.8
C
893D685(1)025C(2)
1.7
6
1.6
0.26
10
C
893D106(1)025C(2)
2.5
6
1.4
0.28
10
D
893D106(1)025D(2)
2.5
6
1.0
0.39
15
D
893D156(1)025D(2)
3.8
6
0.8
0.43
22
D
893D226(1)025D(2)
5.5
6
0.7
0.46
22
E
893D226(1)025E(2)
5.5
6
0.7
0.49
33
E
893D336(1)025E(2)
8.3
6
0.6
0.52
35 VDC AT + 85 °C, 23 VDC AT + 125 °C
1.5
C
893D155(1)035C(2)
0.5
6
3.8
0.17
2.2
C
893D225(1)035C(2)
0.8
6
2.9
0.20
3.3
C
893D335(1)035C(2)
1.2
4
2.0
0.23
4.7
C
893D475(1)035C(2)
1.6
6
1.8
0.25
4.7
D
893D475(1)035D(2)
1.6
6
1.2
0.35
6.8
D
893D685(1)035D(2)
2.4
6
1.0
0.39
10
D
893D106(1)035D(2)
3.5
6
0.8
0.43
15
D
893D156(1)035D(2)
5.3
6
0.7
0.46
15
E
893D156(1)035E(2)
5.3
6
0.7
0.49
22
E
893D226(1)035E(2)
7.7
6
0.6
0.52
50 VDC AT + 85 °C, 33 VDC AT + 125 °C
0.47
C
893D474(1)050C(2)
0.5
4
6.7
0.13
0.68
C
893D684(1)050C(2)
0.5
4
5.9
0.14
1.0
C
893D105(1)050C(2)
0.5
4
4.4
0.16
1.5
C
893D155(1)050C(2)
0.8
6
3.2
0.19
2.2
C
893D225(1)050C(2)
1.1
6
2.8
0.20
2.2
D
893D225(1)050D(2)
1.1
6
2.1
0.27
3.3
C
893D335(1)050C(2)
1.7
6
2.4
0.21
3.3
D
893D335(1)050D(2)
1.7
6
1.6
0.31
4.7
D
893D475(1)050D(2)
2.4
6
1.1
0.37
6.8
D
893D685(1)050D(2)
3.4
6
0.9
0.41
6.8
E
893D685(1)050E(2)
3.4
6
0.9
0.43



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com