Electronic Components Datasheet Search
  English  ▼

X  

300192Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 300192Z
Description  Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300192Z Datasheet(HTML) 1 Page - Vishay Siliconix

  300192Z Datasheet HTML 1Page - Vishay Siliconix 300192Z Datasheet HTML 2Page - Vishay Siliconix 300192Z Datasheet HTML 3Page - Vishay Siliconix 300192Z Datasheet HTML 4Page - Vishay Siliconix 300192Z Datasheet HTML 5Page - Vishay Siliconix 300192Z Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2R, 3R, 4R (Z-Foil Technology)
Vishay Foil Resistors
Ultra High Precision Z-Foil Voltage Divider and Network Resistor with
TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
www.vishay.com
For technical questions, contact: foil@vishay.com
Document Number: 63114
1
Revision: 08-Aug-06
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
FEATURES
• Resistance Range each resistor: 1Ω to 150KΩ
(Any ohmic value ratio is available within
resistance range)
• Non Inductive/Capacitive design
• Low Temperature Coefficient of Resistance
(TCR) Absolute:
± 0.05 ppm/°C (Industrial range)
± 0.2 ppm/°C (MIL range), Tracking 0.1 ppm/°C
• Power Coefficient “ΔR due to self heating”: 5 ppm at rated
power
• Tolerance: Absolute and Resistance Match to 0.005%
• Resistance Ratio Stability: at 0.05W @ + 25°C to 0.001%
• Electrostatic Discharge (ESD) above 25 000 Volts
• Short time overload ≤ 0.002%
• Power Rating at + 125°C: 0.3W
• Thermal EMF: 0.05µV/°C
• Non hot spot design
• Current Noise: < - 40dB
• Rise time: 1ns without ringing
• Non Inductive: < 0.08µH
• Voltage Coefficient < 0.1 ppm/V
• For better performances please contact us
• Terminal Finishes available:
Lead (Pb)-free
Tin/Lead Alloy
RoHS
COMPLIANT
Any value at any tolerance available within resistance range
INTRODUCTION
The 2R, 3R, 4R Resistor Networks are the designers first
choice for ultra high precision, stable and reliable
Voltage Divider or Network.
The Z-Foil Technology provides a significant reduction of the
resistive components sensitivity to ambient temperature
variations (TCR) and applied power changes, self-heating
(PCR). 0.05 ppm/°C Absolute TCR removes errors due to
temperature gradients.
The 2R, 3R, 4R provide a unique, inherent combination
of
performance
characteristics
resulting
in
excellent
performance and high reliability, satisfying the needs of
today’s expanding requirements.
The availability of low absolute TCR and low PCR, provides a
good cost solution for the variability of other components
when compiling the total error budget.
Our Application Engineering Department is available to
advise and to make recommendations for non-standard
technical requirements and special applications, please do
not hesitate to contact us.
FIGURE 1 - POWER DERATING CURVE
FIGURE 2 - TYPICAL TCR CURVE Z-FOIL
200%
175%
150%
125%
100%
75%
50%
25%
0
- 75
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (°C)
- 55°C
+ 70°C
Double Rated Power
Rated Power
Safe operation
for < 150 ppm
ΔR after 2000
hours load-life
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
APPLICATIONS
• Instrumentation Amplifiers
• Bridge Networks
• Differential Amplifiers
• Military, Airborne and Space
• EB Applications
• Down-Hole (high temperature)
• Medical
• Automatic Test Equipment (ATE)
FIGURE 3 - TRIMMING TO VALUES
CONCEPTUAL ILLUSTRATION)
Current Path
After Trimming
Current Path
Before Trimming
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
NOTE: Foil shown in black, etched spaces in white


Similar Part No. - 300192Z

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001920 PHOENIX-3001920 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /6-2 -NS
Jun 23, 2022
3001921 PHOENIX-3001921 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /7-2 -NS
Jun 23, 2022
3001922 PHOENIX-3001922 Datasheet
347Kb / 14P
Marshalling patchboard - PTMC 1,5 /8-2 -NS
Jun 23, 2022
3001925 PHOENIX-3001925 Datasheet
134Kb / 7P
UK 6-FSI/C-LED12
3001929 PHOENIX-3001929 Datasheet
360Kb / 14P
Marshalling patchboard - PTMC 1,5 /1-3 -DF
Jun 23, 2022
More results

Similar Description - 300192Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
18-Apr-07
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
30-Oct-08
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
21-Nov-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
05-Jun-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
20-Nov-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com