Electronic Components Datasheet Search
  English  ▼

X  

300192Z Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 300192Z
Description  Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300192Z Datasheet(HTML) 4 Page - Vishay Siliconix

  300192Z Datasheet HTML 1Page - Vishay Siliconix 300192Z Datasheet HTML 2Page - Vishay Siliconix 300192Z Datasheet HTML 3Page - Vishay Siliconix 300192Z Datasheet HTML 4Page - Vishay Siliconix 300192Z Datasheet HTML 5Page - Vishay Siliconix 300192Z Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 63114
For technical questions, contact: foil@vishay.com
www.vishay.com
Revision: 08-Aug-06
4
2R, 3R, 4R (Z-Foil Technology)
Ultra High Precision Z-Foil Voltage Divider and
Network Resistor with TCR Tracking to 0.1 ppm/°C
and Resistance Match to ± 0.005% (50 ppm)
Vishay Foil Resistors
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
FIGURE 6 - MOLDED 2R, 3R, 4R RESISTOR NETWORK DIMENSIONS AND CIRCUIT DESIGN in inches (millimeters)
23
R2
R3
1
R1
56
R4
4
23
5
R2
R3
1
R1
67
R4
4
23
R2
R3
1
R1
56
R4
4
23
4
R2
R3
1
R1
5
R4
MODEL 300194Z
(with Z-Foil
Technology)
12
4
R1
R2
3
6
R3
5
MODEL 300198Z
(with Z-Foil
Technology)
MODEL 300196Z
(with Z-Foil
Technology)
MODEL 300197Z
(with Z-Foil
Technology)
MODEL 300195Z
(with Z-Foil
Technology)
0.150
(3.81)
0.150
(3.81)
0.100
(2.54)
0.820 (20.828) Max
0.160 Max
(4.06)
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
0.413
(10.490)
Max
1
26
0.150
(3.81)
4
5
3
0.100
(2.54)
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
0.250
(6.35)
0.250
(6.35)
0.413
(10.490)
max
1.20 (30.48) Max
0.245 (6.223)
3
0.250
(6.35)
5
4
1
2
0.150
(3.81)
0.413
(10.490)
max
0.245 (6.223)
3
0.250
(6.35)
5
0.150
(3.81)
6
0.100
(2.54)
4
0.250
(6.35)
1
2
0.150
(3.81)
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
1.20 (30.48) Max
0.413
(10.490)
max
0.245 (6.223)
3
0.250
(6.35)
6
0.150
(3.81)
7
0.100
(2.54)
5
0.100
(2.54)
0.150
(3.81)
1
2
0.150
(3.81)
4
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
1.20 (30.48) Max
0.250
(6.35)
0.150
(3.81)
0.413
(10.490)
max
0.245 (6.223)
3
0.250
(6.35)
6
5
0.100
(2.54)
1
2
0.150
(3.81)
4
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
1.20 (30.48) Max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com