Electronic Components Datasheet Search
  English  ▼

X  

M52743BSP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M52743BSP
Description  I2C BUS Controlled 3-Channel Video Preamplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52743BSP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M52743BSP Datasheet HTML 3Page - Renesas Technology Corp M52743BSP Datasheet HTML 4Page - Renesas Technology Corp M52743BSP Datasheet HTML 5Page - Renesas Technology Corp M52743BSP Datasheet HTML 6Page - Renesas Technology Corp M52743BSP Datasheet HTML 7Page - Renesas Technology Corp M52743BSP Datasheet HTML 8Page - Renesas Technology Corp M52743BSP Datasheet HTML 9Page - Renesas Technology Corp M52743BSP Datasheet HTML 10Page - Renesas Technology Corp M52743BSP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
M52743BSP
REJ03F0193-0201 Rev.2.01 Mar 31, 2008
Page 7 of 25
Electrical Characteristics (cont.)
Min.
Limits
Input
CTL
Voltage
BUS CTL (H)
30
Bri-
ght
15
ABL
00H
Main
Cont
01H
Sub
Cont
1
02H
Sub
Cont
2
03H
Sub
Cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
Typ. Max. Unit
Test
Point
(s)
Sync
OUT
5.0
ns
060
90
V
DC
00.5
1.0
mA
−1.0 
0.4
2.0
5.0
2.0
5.0
2.0
5.0
2.0
00H
0
00H
0
00H
0
00H
0
Vari
able
Vari
able
Vari
able
Vari
able
00H
0
00H
0
00H
0
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
FFH
255
D/A
OUT
D/A
OUT
D/A
OUT
Symbol
TDS-R
VOH
VOL
IAO
DNL
Item
Sync output
delay time2
D/A L output
voltage
D/A output
current range
D/A H output
voltage
D/A
nonlinearity
LSB
−1.0 
1.0
5.0
1
OSD
BLK
a
a
a
a
a
4, 9
13
OSD
in
a
a
a
a
a
27
ReT
BLK
a
a
a
a
a
7
SOG
in
b
SG4
a
a
a
a
19
CP in
a
a
a
a
a
2, 6,
11
RGB
in
a
a
a
a
a2.0
D/A
OUT
V
DC
4.5
5.0
5.5
Vari
able
Vari
able
Vari
able
Vari
able

       
Electrical Characteristics Test Method
ICC1 Circuit Current1
Measuring conditions are as listed in supplementary Table.
Measured with a current meter at test point IA.
ICC2 Circuit Current2
Measuring conditions are as listed in supplementary Table.
Measured with a current meter at test point IB.
Vomax Output Dynamic Range
Decrease V30 gradually, and measure the voltage when the bottom of waveform output is distorted. The voltage is
called VOL.
Next, increase V30 gradually, and measure the voltage when the top of waveform output is distorted. The voltage is
called VOH.
Voltage Vomax is calculated by the equation below:
Vomax = VOH
− VOL
Waveform output
VOL
0.0
5.0
VOH
(V)
Vimax Maximum Input
Increase the input signal (SG2) amplitude gradually, starting from 700 mVP-P. Measure the amplitude of the input
signal when the output signal starts becoming distorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com