Electronic Components Datasheet Search
  English  ▼

X  

M52743BSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M52743BSP
Description  I2C BUS Controlled 3-Channel Video Preamplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52743BSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M52743BSP Datasheet HTML 17Page - Renesas Technology Corp M52743BSP Datasheet HTML 18Page - Renesas Technology Corp M52743BSP Datasheet HTML 19Page - Renesas Technology Corp M52743BSP Datasheet HTML 20Page - Renesas Technology Corp M52743BSP Datasheet HTML 21Page - Renesas Technology Corp M52743BSP Datasheet HTML 22Page - Renesas Technology Corp M52743BSP Datasheet HTML 23Page - Renesas Technology Corp M52743BSP Datasheet HTML 24Page - Renesas Technology Corp M52743BSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
M52743BSP
REJ03F0193-0201 Rev.2.01 Mar 31, 2008
Page 21 of 25
Pin Description
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
1
OSD BLK IN
1
0.8 mA
2.7 V
G
B
R
Input pulses
3.7 to 5 V
1.7 V
maximum
Connected to GND if not used.
2
6
11
INPUT (R)
INPUT (G)
INPUT (R)
2.5
2.5 V
CP
0.3 mA
2 k
2
2 k
Clamped to about 2.5 V due to
clamp pulses from pin 19.
Input at low impedance.
3
8
12
VCC1 (R)
VCC1 (G)
VCC1 (B)
12
Apply equivalent voltage to 3
channels.
4
9
13
OSD IN (R)
OSD IN (G)
OSD IN (B)
2.7 V
0.5 mA
1 k
4
Input pulses
3.7 to 5 V
1.7 V
maximum
Connected to GND if not used.
5
10
14
22
33
GND 1 (R)
GND 1 (G)
GND 1 (B)
GND (5 V)
GND 2
GND
7
INPUT
(S on G)
When open
≈ 2.5 V
7
500
3.2 V
1 k
SYNC ON GREEN
Input pin for sync separation.
Sync is negative.
Input signal at pin 7, compare with
the reference voltage of internal
circuit in order to separate sync
signal.
When not used, set to OPEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com