Electronic Components Datasheet Search
  English  ▼

X  

TSSS2600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSSS2600
Description  Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSS2600 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSSS2600 Datasheet HTML 1Page - Vishay Siliconix TSSS2600 Datasheet HTML 2Page - Vishay Siliconix TSSS2600 Datasheet HTML 3Page - Vishay Siliconix TSSS2600 Datasheet HTML 4Page - Vishay Siliconix TSSS2600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81042
246
Rev. 1.6, 05-Sep-08
TSSS2600
Vishay Semiconductors Infrared Emitting Diode, RoHS Compliant,
950 nm, GaAs
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Pulse Forward Current vs. Forward Voltage
Fig. 4 - Radiant Intensity vs. Forward Current
Fig. 5 - Radiant Power vs. Forward Current
Fig. 6 - Relative Radiant Intensity/Power vs. Ambient Temperature
Fig. 7 - Relative Radiant Power vs. Wavelength
Fig. 8 - Relative Radiant Intensity vs. Angular Displacement
94 7996
10 1
10 0
10 2
10 3
10 4
10-1
4
3
2
1
0
VF - Forward Voltage (V)
IF - Forward Current (mA)
94 7967
103
101
102
104
100
0.1
1
10
100
0.1
1
10
100
110
100
1000
13718
IF - Forward Current (mA)
- 10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF = 20 mA
Tamb - Ambient Temperature (°C)
900
950
0
0.25
0.5
0.75
1.0
1.25
- Wavelength (nm)
1000
94 7994
I
F = 100 mA
λ
0.4
0.2
0
94 7969
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
horizontal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com