Electronic Components Datasheet Search
  English  ▼

X  

TLMS1001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMS1001
Description  Low Current 0603 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS1001 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMS1001 Datasheet HTML 1Page - Vishay Siliconix TLMS1001 Datasheet HTML 2Page - Vishay Siliconix TLMS1001 Datasheet HTML 3Page - Vishay Siliconix TLMS1001 Datasheet HTML 4Page - Vishay Siliconix TLMS1001 Datasheet HTML 5Page - Vishay Siliconix TLMS1001 Datasheet HTML 6Page - Vishay Siliconix TLMS1001 Datasheet HTML 7Page - Vishay Siliconix TLMS1001 Datasheet HTML 8Page - Vishay Siliconix TLMS1001 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number 83172
Rev. 1.6, 15-Oct-08
Vishay Semiconductors
TLMO1000, TLMS1000, TLMS1001, TLMY1000
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Driving the LED in reverse direction is suitable for short term application
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
1) T
amb = 25 °C, unless otherwise specified
ABSOLUTE MAXIMUM RATINGS 1) TLMS100., TLMO1000, TLMY1000
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage 2)
VR
12
V
DC Forward current
Tamb ≤ 95 °C
IF
15
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
40
mW
Junction temperature
Tj
120
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
acc. Vishay spec
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 5 mm2)
RthJA
500
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) TLMS100., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 2 mA
TLMS1000
IV
1.8
4
mcd
TLMS1001
IV
4.5
9
mcd
Dominant wavelength
IF = 2 mA
λ
d
624
628
636
nm
Peak wavelength
IF = 2 mA
λ
p
640
nm
Angle of half intensity
IF = 2 mA
ϕ
± 80
deg
Forward voltage
IF = 2 mA
VF
1.8
2.6
V
Reverse voltage
IR = 10 µA
VR
6V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) TLMO1000, SOFT ORANGE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 2 mA
IV
3.55
7.5
mcd
Dominant wavelength
IF = 2 mA
λ
d
600
605
609
nm
Peak wavelength
IF = 2 mA
λ
p
610
nm
Angle of half intensity
IF = 2 mA
ϕ
± 80
deg
Forward voltage
IF = 2 mA
VF
1.8
2.6
V
Reverse voltage
IR = 10 µA
VR
6V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com