Electronic Components Datasheet Search
  English  ▼

X  

TLMS1001 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMS1001
Description  Low Current 0603 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS1001 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMS1001 Datasheet HTML 1Page - Vishay Siliconix TLMS1001 Datasheet HTML 2Page - Vishay Siliconix TLMS1001 Datasheet HTML 3Page - Vishay Siliconix TLMS1001 Datasheet HTML 4Page - Vishay Siliconix TLMS1001 Datasheet HTML 5Page - Vishay Siliconix TLMS1001 Datasheet HTML 6Page - Vishay Siliconix TLMS1001 Datasheet HTML 7Page - Vishay Siliconix TLMS1001 Datasheet HTML 8Page - Vishay Siliconix TLMS1001 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number 83172
Rev. 1.6, 15-Oct-08
www.vishay.com
3
Vishay Semiconductors
TLMO1000, TLMS1000, TLMS1001, TLMY1000
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
Note:
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each reel
(there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped in any one reel.
In order to ensure availability, single wavelength groups will not be orderable.
OPTICAL AND ELECTRICAL CHARACTERISTICS 1) TLMY1000, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 2 mA
IV
3.55
7.5
mcd
Dominant wavelength
IF = 2 mA
λ
d
580
588
595
nm
Peak wavelength
IF = 2 mA
λ
p
591
nm
Angle of half intensity
IF = 2 mA
ϕ
± 80
deg
Forward voltage
IF = 2 mA
VF
1.8
2.6
V
Reverse voltage
IR = 10 μAVR
6V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
YELLOW
ORANGE
MIN.
MAX.
MIN.
MAX.
2
580
583
600
603
3
583
586
602
605
4
586
589
604
607
5
589
592
606
609
6
592
595
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
MIN.
MAX.
G1
1.80
2.24
G2
2.24
2.80
H1
2.80
3.55
H2
3.55
4.50
J1
4.50
5.60
J2
5.60
7.10
K1
7.10
9.00
K2
9.00
11.20
L1
11.20
14.00
L2
14.00
18.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com