Electronic Components Datasheet Search
  English  ▼

X  

M61303FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61303FP
Description  I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61303FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61303FP Datasheet HTML 9Page - Renesas Technology Corp M61303FP Datasheet HTML 10Page - Renesas Technology Corp M61303FP Datasheet HTML 11Page - Renesas Technology Corp M61303FP Datasheet HTML 12Page - Renesas Technology Corp M61303FP Datasheet HTML 13Page - Renesas Technology Corp M61303FP Datasheet HTML 14Page - Renesas Technology Corp M61303FP Datasheet HTML 15Page - Renesas Technology Corp M61303FP Datasheet HTML 16Page - Renesas Technology Corp M61303FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
M61303FP
Tr1 Pulse Characteristics1 Tr1
Control the contrast in order that the amplitude of output signal is 2.0 VP-P.
Control the brightness in order that the Black level of output signal is 1.0 V.
Measure the time needed for the input pulse to rise from 10% to 90% (Trin) and for the output pulse to rise from 10% to
90% (Trout) with an active probe.
Pulse characteristics Tr1 is calculated by the equations below:
Tr1 =
√ (Trin)2 − (Trout)2 (ns)
ΔTr1 Relative Pulse Characteristics1 Tr1
Relative Pulse characteristics
ΔTr1 is calculated by the equation below:
ΔTr1 = VOUT (2) − VOUT (5),
VOUT (5)
− VOUT (9),
VOUT (9)
− VOUT (2)
Tf1 Pulse Characteristics1 Tf1
Measure the time needed for the input pulse to fall from 90% to 10% (Tfin) and for the output pulse to fall from 90% to
10% (Tfout) with an active probe.
Pulse characteristics Tf1 is calculated by the equations below:
Tf1 =
√ (Tfin)2 − (Tfout)2 (ns)
ΔTf1 Relative Pulse Characteristics1 Tf1
Relative Pulse characteristics
ΔTf1 is calculated by the equation below:
ΔTf1 = VOUT (2) − VOUT (5),
VOUT (5)
− VOUT (9),
VOUT (9)
− VOUT (2)
100%
90%
10%
0%
Trin or Trout
Tfin or Tfout
Tr2 Pulse Characteristics2 Tr2
Change SW (2, 5, 9) from (a) to (b). Measuring condition and procedure are the same as described in Tr1.
ΔTr2 Relative Pulse Characteristics2 Tr2
Measuring condition and procedure are the same as described in
ΔTr1, except of SW (2, 5, 9) condition.
Tf2 Pulse Characteristics2 Tf2
Change SW (2, 5, 9) from (a) to (b). Measuring condition and procedure are the same as described in Tf1.
ΔTf2 Relative Pulse Characteristics2 Tf2
Measuring condition and procedure are the same as described in
ΔTf1, except of SW (2, 5, 9) condition.
Rev.2.00 Sep 14, 2006 page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com