Electronic Components Datasheet Search
  English  ▼

X  

M61303FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61303FP
Description  I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61303FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61303FP Datasheet HTML 17Page - Renesas Technology Corp M61303FP Datasheet HTML 18Page - Renesas Technology Corp M61303FP Datasheet HTML 19Page - Renesas Technology Corp M61303FP Datasheet HTML 20Page - Renesas Technology Corp M61303FP Datasheet HTML 21Page - Renesas Technology Corp M61303FP Datasheet HTML 22Page - Renesas Technology Corp M61303FP Datasheet HTML 23Page - Renesas Technology Corp M61303FP Datasheet HTML 24Page - Renesas Technology Corp M61303FP Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
M61303FP
Pin Description
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
1
4
8
R VCC2
G VCC2
B VCC2
5
⎯
⎯
2
5
9
OUTPUT (R)
OUTPUT (G)
OUTPUT (B)
⎯
2
20 mA
20
Ω
Pull down about 1 k for
valance control Tr and Tf
3
6
10
R GND 2
G GND 2
B GND 2
GND
⎯
⎯
13
Analog Gnd
GND
⎯
⎯
14
Analog VCC
5
⎯
⎯
16
Clamp Pulse
In
⎯
16
0.2 mA
21 k
1 k
2.0 V
2.0 V
2.5 to 5 V
more than 200 ns
0.5 V to GND
Input at low impedance.
Rev.2.00 Sep 14, 2006 page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com