Electronic Components Datasheet Search
  English  ▼

X  

M61519FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M61519FP
Description  Audio Signal Processor with Surround
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61519FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M61519FP Datasheet HTML 14Page - Renesas Technology Corp M61519FP Datasheet HTML 15Page - Renesas Technology Corp M61519FP Datasheet HTML 16Page - Renesas Technology Corp M61519FP Datasheet HTML 17Page - Renesas Technology Corp M61519FP Datasheet HTML 18Page - Renesas Technology Corp M61519FP Datasheet HTML 19Page - Renesas Technology Corp M61519FP Datasheet HTML 20Page - Renesas Technology Corp M61519FP Datasheet HTML 21Page - Renesas Technology Corp M61519FP Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
M61519FP
REJ03F0206-0201 Rev.2.01 Mar 31, 2008
Page 19 of 21
(d) External Input Setting, Surround ON, Tone ON, Bass boost ON
Maximum Output Voltage (Typ: 2.0 Vrms)
Maximum Output Voltage (Typ: 2.2 Vrms)
INex
RECB
INA to IND
Selector (4 + MUTE)
Input ATT
+3.5/0/–5 dB
Mic Mix (Mix Level 0 dB)
Surround
Surround ON
Tone ATT
0/–13 db
Output
for Spectrum Analyzer (L + R/2)
Tone ON
Tone control
Volume
Bass boost
OUT
Super woofer output (L + R/2)
Maximum Input Voltage (Typ: 2.2 Vrms)
External Input ATT
+3/0/–3/–6 dB
(e) Vocal Cut ON, Surround Bypass, Bass boost ON
Maximum Output Voltage (Typ: 2.0 Vrms)
Maximum Output Voltage (Typ: 2.2 Vrms)
RECB
RECA
INA to IND
Selector (4 + MUTE)
Input ATT
+3.5/0/–5 dB
Mic Mix (Mix Level 0 dB)
Vocal Cut ON
Tone ATT
0/–13 dB
Output for Spectrum
Analyzer (L + R/2)
Surround Bypass
Volume
Bass boost
OUT
Super woofer output (L + R/2)
Maximum Input Voltage (Typ: 2.2 Vrms)
Tone control
+
–
Surround



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com