Electronic Components Datasheet Search
  English  ▼

X  

M61519FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61519FP
Description  Audio Signal Processor with Surround
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61519FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61519FP Datasheet HTML 1Page - Renesas Technology Corp M61519FP Datasheet HTML 2Page - Renesas Technology Corp M61519FP Datasheet HTML 3Page - Renesas Technology Corp M61519FP Datasheet HTML 4Page - Renesas Technology Corp M61519FP Datasheet HTML 5Page - Renesas Technology Corp M61519FP Datasheet HTML 6Page - Renesas Technology Corp M61519FP Datasheet HTML 7Page - Renesas Technology Corp M61519FP Datasheet HTML 8Page - Renesas Technology Corp M61519FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
M61519FP
REJ03F0206-0201 Rev.2.01 Mar 31, 2008
Page 3 of 21
Pin Configuration and Block Diagram
MIC
2
REF
1
INA1
3
INB1
4
INC1
5
IND1
6
RECA1/INex1
7
RECB1
8
TMI1
9
TMO1 10
TCA1 11
TCB1 12
TCC1 13
TOUT
14
VOLIN1 15
BB_A1 16
BB_B1 17
OUT1 18
SAOUT 19
VCC 20
DATA 21
SUR1/DPL1
42
SUR2/DPL2
41
INA2
40
INB2
39
INC2
38
IND2
37
RECA2/INex2
36
RECB2
35
TMI2
34
TMO2
33
TCA2
32
TCB2
31
TCC2
30
TOUT2
29
VOLIN2
28
BB_A2
27
BB_B2
26
OUT2
25
SWOUT
24
GND
23
CLOCK
22
–
+
–
+
–
+
1
S
2
S
1
V
2
V
2
S
1
S
Mid
Bass &
Treble
Bass &
Treble
Mid
1
V
2
V
REF
–5/0/+3.5 dB
–5/0/+3.5 dB
AA
BB
–6/–3/0/
+3 dB
–6/–3/0/
+3 dB
B
A
B
A
B
B
A
A
B
B
A
A
SW
SW3
SW4
SW5
SW5
SW4
VOL (0 to –87 dB, –
∞)
VOL (0 to –87 dB, –
∞)
C
C
BB
AA
Surround or
Dolby Pro Logic Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com