Electronic Components Datasheet Search
  English  ▼

X  

M62004FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62004FP
Description  Low Power 2 Output System Reset IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62004FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62004FP Datasheet HTML 2Page - Renesas Technology Corp M62004FP Datasheet HTML 3Page - Renesas Technology Corp M62004FP Datasheet HTML 4Page - Renesas Technology Corp M62004FP Datasheet HTML 5Page - Renesas Technology Corp M62004FP Datasheet HTML 6Page - Renesas Technology Corp M62004FP Datasheet HTML 7Page - Renesas Technology Corp M62004FP Datasheet HTML 8Page - Renesas Technology Corp M62004FP Datasheet HTML 9Page - Renesas Technology Corp M62004FP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M62001L/FP to M62008L/FP
Rev.1.00 Sep 14, 2005 page 7 of 9
3.
RESET output (Detection of 2.15 V)
The
RESET outputs a signal to prevent the microcomputer from malfunctioning due to a drop in supply voltage.
When powering up,
RESET is kept at low level until the supply voltage reaches V
SH. If the supply voltage rises to
VSH, RESET is set to high level. By inserting a capacitor between the Cd pin and GND, it is possible to produce a
desired delay time (td). To set a delay time, equation below is used.
td ≈ 1.52 × 10
5
× C (s)
Once the supply voltage has exceeded VSH and the RESET output is set to high level, RESET maintains the high
level until the supply voltage drops to VBATT. When the supply voltage drops to VBATT, RESET goes low thereby
resetting and initializing the microcomputer.
The
RESET output has a large hysteresis voltage of approximately 2 V between the rise in supply voltage at power-
up and its fall.
RESET Output Voltage vs. Supply Voltage
5
0
2345
2
4
1
3
Supply Voltage VCC (V)
VSH
VBATT
Figure 3
RESET Output (Detection of 2.15 V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com