Electronic Components Datasheet Search
  English  ▼

X  

M62004FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62004FP
Description  Low Power 2 Output System Reset IC Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62004FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62004FP Datasheet HTML 2Page - Renesas Technology Corp M62004FP Datasheet HTML 3Page - Renesas Technology Corp M62004FP Datasheet HTML 4Page - Renesas Technology Corp M62004FP Datasheet HTML 5Page - Renesas Technology Corp M62004FP Datasheet HTML 6Page - Renesas Technology Corp M62004FP Datasheet HTML 7Page - Renesas Technology Corp M62004FP Datasheet HTML 8Page - Renesas Technology Corp M62004FP Datasheet HTML 9Page - Renesas Technology Corp M62004FP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M62001L/FP to M62008L/FP
Rev.1.00 Sep 14, 2005 page 8 of 9
Operating Description
GND
(2)
(3)
(4)
(5) (6)
(7)(8)
(9) (10)
(1)
If VCC rises to VSH (4.55V, 4.35V), the INT output is
set to high level.
*1. A pulse is output if
INT is of pulse output type.
RESET goes high td (s) after VSH.
*1. td ≈ 1.52 × 10
5 × C (s)
If VCC drops to VSL (4.45V, 4.25V), INT goes low.
*1. A pulse is output if
INT is of pulse output type.
*2. The
RESET output continues to be held high.
(1):
(2):
(3):
If VCC returns to VSH, the INT output is set to high level.
Same as (3).
If VCC becomes lower than VBATT (2.15V), the RESET
output is set to low thereby resetting the microcomputer
and initializing system.
Same as (1).
Same as (2).
Same as (3) and (5).
Same as (6).
(4):
(5):
(6):
(7):
(8):
(9):
(10):
VSH
VSH
VSH
VSH
VSL
VSL
VSLVBATT
VBATT
VSL
td
td
VCC
GND
Uncertain
area
INT
(Hold output type)
GND
Uncertain
area
Uncertain
area
INT
(Pulse output type)
GND
RESET
Pulse width
7
µs
Figure 4 Operating Waveform
Application Example
VCC
VDD
Power supply pin
+
–
Microcomputer
system
M6200x
+
–
Microcomputer
system reset IC
Cd
0.33
µF
100
µF
Smoothing
capacitor
Delay
capacitor
+
INT
RESET
INT
Interruption input
RESET
Reset input
Clock input/output
INT
(Interruption reset signal)
*Note
*Note
RESET
(Compulsive reset signal)
Backup power
supply
VBATT (+3V)
Power supply
VCC (+5V)
Note: A pull-up resistor is required only in the case of open-drain output.
Figure 5 Application Example



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com