Electronic Components Datasheet Search
  English  ▼

X  

TDA9112 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 12Page - STMicroelectronics TDA9112 Datasheet HTML 13Page - STMicroelectronics TDA9112 Datasheet HTML 14Page - STMicroelectronics TDA9112 Datasheet HTML 15Page - STMicroelectronics TDA9112 Datasheet HTML 16Page - STMicroelectronics TDA9112 Datasheet HTML 17Page - STMicroelectronics TDA9112 Datasheet HTML 18Page - STMicroelectronics TDA9112 Datasheet HTML 19Page - STMicroelectronics TDA9112 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
TDA9112
16/51
Note 33:
HVDC-VAMP at minimum.
Note 34:
HVDC-HSYM at medium.
Note 35: Ratio of the amplitude at HDyCorTr=1 to the amplitude at HDyCorTr=0 (refer to chapter ”I2C Bus control
register map”) as a quadratic function of horizontal size adjustment.
Note 36: Ratio of the amplitude at HDyCorTr=1 to the amplitude at HDyCorTr=0 (refer to chapter ”I2C Bus control
register map”) as a quadratic function of VHEHT.
Note 37: Ratio ”A/B”of vertical parabola component voltage at tVR=0 versus vertical parabola component voltage at
tVR=TVR.
Note 38: Refer to Figure 14.
Note 39: Taken for reference at given position of HDyCorPh flag.
Note 40: Unsigned value. Polarity selection by VDyCorPol I2C Bus bit. Refer to section I2C Bus control register map.
Vertical Dynamic Correction outpu t VDyCor
IVDyCor
Current delivered by VDyCor out-
put
-1.5
0
mA
VVD-DC
DC component of the drive signal
on VDyCor output
RL(VDyCor)=10kΩ
4V
IV
VD-VI
Amplitude of V-parabola on VDy-
Cor output(40)
(23)
VSIZE
at medium
VDC-AMP (Sad15h):
x0000000b
x1000000b
x1111111b
VDC-AMP at maximum
VSIZE (Sad07):
x0000000b
x1111111b
0
0.5
1
0.6
1.6
V
V
V
V
V
Tracking of V-parabola on VDyCor
output with vertical position (37)
VDC-AMP at maximum
VPOS (Sad08):
x0000000b
x1111111b
0.52
1.92
Symbol
Parameter
Test Conditi ons
Value
Units
Min.
Typ.
Max.
V
VD
V
t
vr
0
=
[]
V
VD
V
t
vr
T
VR
=
[]
--------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com