Electronic Components Datasheet Search
  English  ▼

X  

TDA9112 Datasheet(PDF) 50 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 43Page - STMicroelectronics TDA9112 Datasheet HTML 44Page - STMicroelectronics TDA9112 Datasheet HTML 45Page - STMicroelectronics TDA9112 Datasheet HTML 46Page - STMicroelectronics TDA9112 Datasheet HTML 47Page - STMicroelectronics TDA9112 Datasheet HTML 48Page - STMicroelectronics TDA9112 Datasheet HTML 49Page - STMicroelectronics TDA9112 Datasheet HTML 50Page - STMicroelectronics TDA9112 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
TDA9112
page 7: value for autosync frequency ratio replaced : 4.28 instead of 4.5 previously
April 19, 2001
version 3.8
First display on Internet
Page 14: parameter VEW-BCor: correction of test condition: saOF instead of OE previously.
DATASHEET
April 27, 2001
version 4.0
New values from some electrical characteristics
page 9: VRefO
page10: VHPosF and VTopHPLL2C
page 12: VVOB
page 15: TBD mentions deleted
page 16: VThBlsCurr and VBReg
page 18: VThrXRay
and VPos changed to VHPosF + new values
May 14, 2001
version 4.1
page 18: horizontal moiré canceller: value corrected (0.04% instead of 0.02%)
June 29, 2001
version 4.1
July 2001
page32
9.4.1. right column”The higher its value,...” ---> ”The lower its value”
page 34 -
Section 9.5.”...at the vertical middle...” ---> ”...in the vertical middle...”
page 14-
EW DRIVE SECTION parameter ”
∆VEW/VEW.∆VHO”, added [fmax]. and changed its
value to 20
Note 32: added: “VEW[fmax] is the value at condition VHO>VHOThrfr”.
page 32:
section 9.4 - “stabilizing time” changed to “stabilization time”
page 18
section 6.9 : max values for vertical and horizontal moiré cancellers moved to typ. values
November 5, 2001
version 4.2
page 13
last line in table, decreased font size in the formulae to make it readable
page 23
I2C bus control register map: two bits are reserved (sad 01D0 and sad 10D0)
page 35
figure 13 replaced
page 39
figure 15 corrected
pages 10, 18
replaced bit 0 value with x for HPOS
pages 13,15,20 replaced bit 0 value with x for HSIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com