Electronic Components Datasheet Search
  English  ▼

X  

TDE0160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE0160
Description  7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE0160 Datasheet(HTML) 1 Page - STMicroelectronics

  TDE0160 Datasheet HTML 1Page - STMicroelectronics TDE0160 Datasheet HTML 2Page - STMicroelectronics TDE0160 Datasheet HTML 3Page - STMicroelectronics TDE0160 Datasheet HTML 4Page - STMicroelectronics TDE0160 Datasheet HTML 5Page - STMicroelectronics TDE0160 Datasheet HTML 6Page - STMicroelectronics TDE0160 Datasheet HTML 7Page - STMicroelectronics TDE0160 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDE0160
April 1993
PROXIMITY DETECTOR
.
SUPPLY VOLTAGE : +4 TO +36V
.
SUPPLY CURRENT : < 1.2mA
.
OUTPUT TRANSISTORS : I = 20mA ;
VCE (sat)
≤ 1100mV
.
OSCILLATOR FREQUENCY : < 1MHz
.
LOSS RESISTANCE : 5 TO 50k
Ω.
DESCRIPTION
The TDE0160 is designed to detect metal bodies
by the effect of Eddy currents on the HF losses of
a coil. It has two complementary open collector
outputs with peak limiting. Hysteresis is adjustable,
and an electronic switching circuit is incorporated
for disabling both outputs.
An internal zener diode maintains the supply volt-
age to the circuit in ”dipole” operation.
PIN CONNECTION (top view)
DIP14
ORDERING NUMBERS : TDE0160DP (DIP14)
TDE 0160FP (SO14)
SO14
1/8


Similar Part No. - TDE0160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE0160 STMICROELECTRONICS-TDE0160 Datasheet
590Kb / 18P
Proximity Detectors
18-Nov-2005
TDE0160 STMICROELECTRONICS-TDE0160_05 Datasheet
590Kb / 18P
Proximity Detectors
18-Nov-2005
More results

Similar Description - TDE0160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
Monolithic Triple 7.5 nS CRT Driver
LM2437 NSC-LM2437 Datasheet
529Kb / 10P
Monolithic Triple 7.5 ns CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
Monolithic Triple 7.5 ns CRT Driver
logo
STMicroelectronics
TDA9536 STMICROELECTRONICS-TDA9536 Datasheet
145Kb / 9P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
STV9556 STMICROELECTRONICS-STV9556 Datasheet
698Kb / 24P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9555 STMICROELECTRONICS-STV9555 Datasheet
698Kb / 24P
9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9553 STMICROELECTRONICS-STV9553 Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
TDA9556 STMICROELECTRONICS-TDA9556 Datasheet
297Kb / 15P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
14-Sep-2000
logo
Texas Instruments
LM2466 TI1-LM2466 Datasheet
1Mb / 14P
Monolithic Triple 7.5 ns CRT Driver
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com