Electronic Components Datasheet Search
  English  ▼

X  

TDE0160 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE0160
Description  7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE0160 Datasheet(HTML) 3 Page - STMicroelectronics

  TDE0160 Datasheet HTML 1Page - STMicroelectronics TDE0160 Datasheet HTML 2Page - STMicroelectronics TDE0160 Datasheet HTML 3Page - STMicroelectronics TDE0160 Datasheet HTML 4Page - STMicroelectronics TDE0160 Datasheet HTML 5Page - STMicroelectronics TDE0160 Datasheet HTML 6Page - STMicroelectronics TDE0160 Datasheet HTML 7Page - STMicroelectronics TDE0160 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
Tamb = +25
oC unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
Pin 11
4
36
V
VZ
Zener Voltage (IZ = 20mA)
Pins 9-11
3
4
V
ICC
Supply Current
Pin 11
1.2
mA
–
Limiting (I = 0.1mA)
Pin 1 or 3
42
V
–
Output Transistor Saturation Voltage
Pin 1 or 3
(I1 or I3 = +20mA)
0.9
1.1
V
–
Output Transistor Leakage Current (V = +30V)
Pin 1 or 3
2
µA
–
Switching Threshold
Pin 12
90
110
130
mV
Rn
Negative Resistance*
(5k
Ω <RH < 50kΩ, f = 100kHz, RS =0)
Rn =RH
–
Inherent Hysteresis (R2 =0)
1
2
%
–
Programmed Hysteresis (H < 15%)
Rs
Rs
+ RH
%
fosc
Oscillation Frequency
1
MHz
–
Switching Frequency (with matched oscillator circuit)
750
Hz
–
Switching Time-delay
0.5 Cd (
µF)
s
–
Switching Response Time (Cd = 10nF ; VCC = +20V)
10
µs
* See characteristic curves
SWITCHING OPERATION
If IC exceeds ICO, where ICO =
V(ref)
Rd
the switch
cuts off the output transistors and tests the value
of current IC, with time constant 0.5 Cd.
On power up the internal start system cuts off the
output transistors until VCC reaches a value permit-
ting normal operation of the circuit.
TDE0160
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com