Electronic Components Datasheet Search
  English  ▼

X  

EYC Datasheet(PDF) 8 Page - Vishay Siliconix

Part # EYC
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYC Datasheet(HTML) 8 Page - Vishay Siliconix

  EYC Datasheet HTML 1Page - Vishay Siliconix EYC Datasheet HTML 2Page - Vishay Siliconix EYC Datasheet HTML 3Page - Vishay Siliconix EYC Datasheet HTML 4Page - Vishay Siliconix EYC Datasheet HTML 5Page - Vishay Siliconix EYC Datasheet HTML 6Page - Vishay Siliconix EYC Datasheet HTML 7Page - Vishay Siliconix EYC Datasheet HTML 8Page - Vishay Siliconix EYC Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 25138
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 03-Nov-08
229
EYC
Aluminum Capacitors
Power Printed Wiring Style
Vishay Roederstein
LIFETIME TABLE UR ≤ 100 V
Notes
IR Rated ripple current (120 Hz, rms) (A) at upper category temperature TUC taken from data sheet.
I
User ripple current (A).
Ta Ambient temperature of capacitor (°C).
L
Lifetime multiplier.
Regard L as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency
LIFETIME TABLE UR > 100 V
Notes
IR Rated ripple current (120 Hz, rms) (A) at upper category temperature TUC taken from data sheet.
I
User ripple current (A).
Ta Ambient temperature of capacitor (°C).
L
Lifetime multiplier.
Regard L as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency-dependant)
LIFETIME MULTIPLIER L (DEPENDING ON I/IR AND Ta)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Ta (°C)
50
100
120
250
500
1000 2500 10 K
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
0
0
0
0
0
0
0
879
514
291
162
90
51
29
17
10
6.2
3.9
2.6
1.83 1.34
0.18 0.20 0.20 0.21 0.22
0.22
0.23
0.24
833
486
275
153
85
48
27
16
9.5
5.9
3.8
2.6
1.80 1.33
0.36 0.40 0.40 0.42 0.43
0.44
0.45
0.47
763
443
252
141
78
44
25
15
8.9
5.6
3.6
2.4
1.73 1.28
0.55 0.59 0.60 0.62 0.65
0.67
0.68
0.71
680
397
226
126
71
40
23
13
8.2
5.1
3.4
2.3
1.65 1.23
0.73 0.79 0.80 0.83 0.86
0.89
0.90
0.94
588
342
192
107
60
34
20
12
7.2
4.6
3.0
2.1
1.50 1.13
0.91 0.99 1.00 1.04 1.08
1.11
1.13
1.18
470
268
150
84
47
27
16
9.5
5.9
3.8
2.6
1.8
1.31 1.00
1.09 1.19 1.20 1.25 1.30
1.33
1.36
1.42
322
181
101
56
32
19
11
6.8
4.3
2.8
2.0
1.4
1.05
1.27 1.39 1.40 1.46 1.51
1.55
1.58
1.65
179
95
52
29
17
10
6.5
4.2
2.8
1.9
1.4
1.0
1.46 1.58 1.60 1.66 1.73
1.78
1.81
1.89
83
47
27
16
10
6.1
3.9
2.6
1.8
1.3
1.64 1.78 1.80 1.87 1.94
2.00
2.03
2.12
36
21
13
7.8
5.0
3.3
2.2
1.6
1.2
1.82 1.98 2.00 2.08 2.16
2.22
2.26
2.36
18
11
6.6
4.2
2.8
1.9
1.3
1.0
combination
2.00 2.18 2.20 2.29 2.38
2.44
2.49
2.60
7.4
4.9
3.2
2.2
1.5
1.0
not
2.18 2.38 2.40 2.50 2.59
2.66
2.71
2.83
3.3
2.3
1.6
1.2
permitted
2.37 2.57 2.60 2.70 2.81
2.89
2.94
3.07
1.5
1.2
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency-dependant)
LIFETIME MULTIPLIER L (DEPENDING ON I/IR AND Ta)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Ta (°C)
50
100
120
250
500
1000 2500 10 K
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
0
0
0
0
0
0
0
879
514
291
162
90
51
29
17
10
6.2
3.9
2.6
1.83 1.34
0.17 0.19 0.20 0.23 0.25
0.26
0.27
0.28
833
486
275
153
85
48
27
16
9.5
5.9
3.8
2.6
1.80 1.33
0.33 0.39 0.40 0.46 0.50
0.52
0.54
0.56
763
443
252
141
78
44
25
15
8.9
5.6
3.6
2.4
1.73 1.28
0.50 0.58 0.60 0.68 0.74
0.78
0.81
0.84
680
397
226
126
71
40
23
13
8.2
5.1
3.4
2.3
1.65 1.23
0.66 0.78 0.80 0.91 0.99
1.04
1.08
1.12
588
342
192
107
60
34
20
12
7.2
4.6
3.0
2.1
1.50 1.13
0.83 0.97 1.00 1.14 1.24
1.30
1.35
1.40
470
268
150
84
47
27
16
9.5
5.9
3.8
2.6
1.8
1.31 1.00
1.00 1.16 1.20 1.37 1.49
1.56
1.62
1.68
322
181
101
56
32
19
11
6.8
4.3
2.8
2.0
1.4
1.05
1.16 1.36 1.40 1.60 1.74
1.82
1.89
1.96
179
95
52
29
17
10
6.5
4.2
2.8
1.9
1.4
1.0
1.33 1.55 1.60 1.82 1.98
2.08
2.16
2.24
83
47
27
16
10
6.1
3.9
2.6
1.8
1.3
1.49 1.75 1.80 2.05 2.23
2.34
2.43
2.52
36
21
13
7.8
5.0
3.3
2.2
1.6
1.2
1.66 1.94 2.00 2.28 2.48
2.60
2.70
2.80
18
11
6.6
4.2
2.8
1.9
1.3
1.0
combination
1.83 2.13 2.20 2.51 2.73
2.86
2.97
3.08
7.4
4.9
3.2
2.2
1.5
1.0
not
1.99 2.33 2.40 2.74 2.98
3.12
3.24
3.36
3.3
2.3
1.6
1.2
permitted
2.16 2.52 2.60 2.96 3.22
3.38
3.51
3.64
1.5
1.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com