Electronic Components Datasheet Search
  English  ▼

X  

EYC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EYC
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYC Datasheet(HTML) 1 Page - Vishay Siliconix

  EYC Datasheet HTML 1Page - Vishay Siliconix EYC Datasheet HTML 2Page - Vishay Siliconix EYC Datasheet HTML 3Page - Vishay Siliconix EYC Datasheet HTML 4Page - Vishay Siliconix EYC Datasheet HTML 5Page - Vishay Siliconix EYC Datasheet HTML 6Page - Vishay Siliconix EYC Datasheet HTML 7Page - Vishay Siliconix EYC Datasheet HTML 8Page - Vishay Siliconix EYC Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25138
222
Revision: 03-Nov-08
EYC
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
FEATURES
• Polarized aluminum electrolytic capacitors
• Very small dimensions
• High C x U product
• Charge/discharge proof
• Low impedance, high ripple current capability
• Long useful life: 5000 h to 10 000 h/ 105 °C
APPLICATIONS
• General purpose, industrial electronics
• Computers, telecommunication, audio/video systems
• Smoothing and filtering
• Standard and switched power supply units
• Energy storage
Note
• Special values/dimensions on request
Component outlines
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
UNIT
≤ 100 V
> 100 V
Nominal case size (Ø D x L)
mm
22 x 25 to 35 x 50
22 x 25 to 35 x 60
Rated capacitance range CR
µF
33 to 47 000
56 to 1800
Capacitance tolerance
%
± 20
Rated voltage range
V
10 to 50
63 to 100
200 to 250
400 to 450
Category temperature range
°C
- 40 to + 105
- 25 to + 105
Endurance test at 105 °C
h
2000
5000
2000
Useful life at 105 °C
h
5000
10 000
5000
Useful life at 40 °C, 1.9 x IR applied
h
125 000
250 000
125 000
Shelf life (0 V, 105 °C)
h
500
1000
Failure rate (0.8 UR; 40 °C)
10-9/h
≤ 50
≤ 25
≤ 100
Based on sectional specifications
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
25/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES ≤ 100 V (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
50
63
100
330
------
22 x 25
470
------
22 x 30
680
-
-
-
-
22 x 25
22 x 40
25 x 30
1000
----
22 x 25
22 x 30
25 x 40
30 x 30
1500
-
-
-
22 x 25
22 x 30
22 x 40
25 x 30
25 x 50
30 x 40
2200
-
-
22 x 25
22 x 30
22 x 40
25 x 30
25 x 40
30 x 30
25 x 50
35 x 40
3300
-
22 x 25
22 x 30
22 x 40
25 x 30
25 x 40
30 x 30
22 x 50
30 x 40
35 x 50
4700
22 x 25
22 x 30
22 x 40
25 x 30
25 x 40
30 x 30
25 x 50
30 x 40
30 x 50
35 x 40
-
6800
22 x 30
22 x 40
25 x 30
25 x 40
30 x 30
25 x 50
30 x 40
30 x 50
35 x 40
35 x 50
-
10 000
22 x 40
25 x 30
25 x 40
30 x 30
22 x 50
30 x 40
30 x 50
35 x 40
35 x 50
-
-
15 000
25 x 40
30 x 30
25 x 50
30 x 40
30 x 50
35 x 40
35 x 50
---
22 000
25 x 50
30 x 40
30 x 50
35 x 40
35 x 50
----
33 000
30 x 50
35 x 40
35 x 50
-----
47 000
35 x 50
------


Similar Part No. - EYC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EYC05DRAF ETC1-EYC05DRAF Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EYC05DRAH ETC1-EYC05DRAH Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EYC05DRAI ETC1-EYC05DRAI Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EYC05DRAN ETC1-EYC05DRAN Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EYC05DRAS ETC1-EYC05DRAS Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
More results

Similar Description - EYC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
Aluminum Capacitors Power Economic Printed Wiring
14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
Aluminum Capacitors Power Printed Wiring Style
21-Aug-08
EYK VISHAY-EYK Datasheet
89Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
03-Nov-08
EYV VISHAY-EYV Datasheet
116Kb / 7P
Aluminum Capacitors Power Printed Wiring Style
21-Aug-08
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
Aluminum Capacitors Power Printed Wiring Style
25-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
Aluminum Capacitors Power Eurodin Printed Wiring
02-Aug-11
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
Aluminum Capacitors Power Economic Printed Wiring
17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
09-Apr-13
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
08-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com