Electronic Components Datasheet Search
  English  ▼

X  

MODEL122 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MODEL122
Description  1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL122 Datasheet(HTML) 1 Page - Vishay Siliconix

  MODEL122 Datasheet HTML 1Page - Vishay Siliconix MODEL122 Datasheet HTML 2Page - Vishay Siliconix MODEL122 Datasheet HTML 3Page - Vishay Siliconix MODEL122 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 122
Vishay Spectrol
Document Number: 57036
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 03-Jul-07
83
1 1/16" (27 mm) Single Turn Wirewound
Precision Potentiometer
FEATURES
• Gangable up to 6 sections
• Extra taps on request
• Bushing or servo mount types available
• Ohmic value range: 5 Ω up to 100 kΩ
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Tolerance: 20
Ω and Above
Below 20
Ω
STANDARD
5
Ω to 20 kΩ
± 3 %
± 5 %
SPECIAL
to 100 k
Ω
± 1 %
± 3 %
Linearity (Independent):
5
Ω to 200 Ω
200
Ω to 2 kΩ
2 k
Ω to 10 kΩ
10 k
Ω and Above
STANDARD
± 1.0 %
± 0.5 %
± 0.5 %
± 0.5 %
BEST PRACTICAL
± 0.50 %
± 0.35 %
± 0.25 %
± 0.20 %
Noise
100
Ω ENR
Electrical Angle
350° ± 2°
Power Rating
Section 1:
Additional Sections:
1.50 W at 70 °C ambient, derated to zero at 125 °C
75 % of the rating of section 1 (1.125 W at 70 °C)
Insulation Resistance
1000 M
Ω minimum 500 V
DC
Dielectric Strength
1000 VRMS 60 Hz
Absolute Minimum Resistance
Linearity x total resistance or 0.5
Ω, whichever is greater
End Voltage
Linearity x total applied voltage for total resistance above 20
Ω, 2.0 %
of total applied voltage for 20
Ω and below
Phasing (CCW End Points)
Additional sections phased to section 1 within ± 1°
Taps (Extra)
9 available as special standard tolerance ± 1°
ORDERING INFORMATION/DESCRIPTION
The Model 122 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on your
order, please state:
122
B
1
5K
BO1
MODEL
MOUNTING TYPE
NUMBER OF SECTIONS
TOTAL RESISTANCE OF
EACH SECTION
PACKAGING
B: Bushing
S: Servo
Up to 6 sections
Beginning with the section
nearest the mounting end
Box of 1 piece
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity
tolerance, special resistance tolerance, extra taps, non-linear functions, etc., please state these on your order and allow additional lead time
for delivery.
SAP PART NUMBERING GUIDELINES
122
S
2
103
203
B01
MODEL
MOUNTING TYPE
NUMBER OF
SECTIONS
OHMIC VALUE
OHMIC VALUE
PACKAGING
Servo
2
Section NO 1
103 = 10K
Section NO 2
203 = 20K
Box of 1 piece


Similar Part No. - MODEL122

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL120E VISHAY-MODEL120E Datasheet
314Kb / 3P
Incremental Optical Encoder Contactless Technology (128 Pulses per Turn)
20-Mar-07
logo
Pomona Electronics
MODEL1269 POMONA-MODEL1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
MODEL1270 POMONA-MODEL1270 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Banana Plug
logo
Vishay Siliconix
MODEL128 VISHAY-MODEL128 Datasheet
255Kb / 4P
1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
04-Jul-07
logo
Pomona Electronics
MODEL1296 POMONA-MODEL1296 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Binding Post Jack
More results

Similar Description - MODEL122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
7600 BITECH-7600 Datasheet
63Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
28-Jun-07
MODEL128 VISHAY-MODEL128 Datasheet
255Kb / 4P
1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
04-Jul-07
MODEL202 VISHAY-MODEL202 Datasheet
419Kb / 4P
1 3/4 (44.5 mm) Single Turn Wirewound Precision Potentiometer
20-Jun-07
logo
Bi technologies
7601 BITECH-7601 Datasheet
64Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
202 VISHAY-202 Datasheet
116Kb / 4P
1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
07-Dec-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com