Electronic Components Datasheet Search
  English  ▼

X  

MODEL122 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL122
Description  1 1/16 (27 mm) Single Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL122 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL122 Datasheet HTML 1Page - Vishay Siliconix MODEL122 Datasheet HTML 2Page - Vishay Siliconix MODEL122 Datasheet HTML 3Page - Vishay Siliconix MODEL122 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 122
Vishay Spectrol
1 1/16" (27 mm) Single Turn Wirewound
Precision Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57036
84
Revision: 03-Jul-07
DIMENSIONS in inches (millimeters)
0.062
(1.57)
0.308 MIN.
(7.82)
0.687
(17.45)
± 0.010
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.015
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
3/
8 - 32 UNEF - 2A
MTG. FACE
Ø 1.062
(26.97)
± 0.015
30°
TYP.
1
2
3
0.735 R MAX.
(18.67)
± 0.031
0.308 MIN.
(7.82)
0.500
(12.70)
0.062
(1.57)
0.062
(1.57)
0.062
(1.57)
Ø 0.9688
(24.61)
+ 0.0000
- 0.0005
Ø 1.062
(26.97)
± 0.015
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
MTG. FACE
Ø 0.968 MAX.
(24.58)
0.687
(17.45)
± 0.010
BUSHING MOUNT: 122B...
SERVO MOUNT: 122S...
1
1
1
3
2
CW
1
ADD 0.500 ± 0.002 (12.70) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
SCHEMATIC
MATERIAL SPECIFICATIONS
Housing and Lids
Aluminum, anodized
Shaft
Stainless steel, non-magnetic
non-passivated
Terminals
Brass, plated for solderability
Bushing Mount Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 CPS
Shock
50 g
Salt Spray
96 h
Rotational Life
1 million shaft revolutions
Load Life
900 h
Temperature Range
- 55 °C to + 125 °C
MARKING
Unit
Identification
Units shall be marked with Vishay Spectrol
name and model number resistance and
resistance tolerance, linearity, terminal
identification and data code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com