Electronic Components Datasheet Search
  English  ▼

X  

MODEL159 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MODEL159
Description  7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL159 Datasheet(HTML) 1 Page - Vishay Siliconix

  MODEL159 Datasheet HTML 1Page - Vishay Siliconix MODEL159 Datasheet HTML 2Page - Vishay Siliconix MODEL159 Datasheet HTML 3Page - Vishay Siliconix MODEL159 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7/8" (22.2 mm) Single Turn
Cermet Precision Potentiometer
Model 159
Vishay Spectrol
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57041
18
Revision: 07-Sep-07
Not for New Design
This Model 159 is only for maintenance purposes. It is not
recommended for new designs and will be obsolete in a near
future.
FEATURES
• Rugged, high-quality, all metal housing
• Short length behind panel (11/32"/8.73 mm)
• High ohmic values up to: 2 MΩ
• Extra taps AVAILABLE
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Standard Ohmic Values Range
500
Ω to 2 MΩ
Tolerance
Standard: ± 20 %
Special: ± 5 %
Linearity (Independent)
STANDARD
BEST PRACTICAL
± 0.5 %
± 0.25 %
Output Smoothness
0.1 % maximum
Power Rating (at 40 °C Ambient)
3.5 W
derated to zero at 150 °C
Electrical Angle
340° ± 4°
Insulation Resistance
1000 M
Ω minimum 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz
Minimum Voltage
0.5 % max.
Temperature Coefficient of Resistance
± 100 ppm/°C
ORDERING INFORMATION/DESCRIPTION
The Models 159 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on your
order, please state:
159
B
10K
BO10
MODEL
MOUNTING
OHMIC VALUE
PACKAGING
B = Bushing
S = Servo
Box of 10 pieces
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity
tolerance, special resistance tolerance, high torque, 1/8 shaft - 1/4 - 32 bushing, stops, non - linear functions, etc., state these on your order
SAP PART NUMBERING GUIDELINES
159
S
205
B10
MODEL
STYLE
OHMIC VALUE
PACKAGING
Servo
2 M
Ω
Box of 10 pieces


Similar Part No. - MODEL159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL157 VISHAY-MODEL157 Datasheet
249Kb / 3P
7/8 (22.2 mm) Precision Industrial Potentiometer Bushing and Servo Mount Versions, Conductive Plastic
18-Jun-07
More results

Similar Description - MODEL159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
02-Jul-07
534B1103JLB VISHAY-534B1103JLB Datasheet
102Kb / 4P
7/8 (22.2 mm) Multi Turn Wirewound
27-Jun-12
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com