Electronic Components Datasheet Search
  English  ▼

X  

MODEL159 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL159
Description  7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL159 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL159 Datasheet HTML 1Page - Vishay Siliconix MODEL159 Datasheet HTML 2Page - Vishay Siliconix MODEL159 Datasheet HTML 3Page - Vishay Siliconix MODEL159 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 159
7/8" (22.2 mm) Single Turn
Cermet Precision Potentiometer
Vishay Spectrol
Document Number: 57041
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 07-Sep-07
19
Not for New Design
DIMENSIONS in inches (millimeters)
BUSHING MOUNT TYPE
SERVO MOUNT TYPE
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing Type
Servo mount: ball bearing
Bushing mount: sleeve bearing
Torque (Maximums)
STARTING
RUNNING
Servo
0.25 oz. - in (18.00 g - cm)
0.15 oz. - in (10.80 g - cm)
Bushing
0.30 oz. - in (21.60 g - cm)
0.25 oz. - in (18.00 g - cm)
Mechanical Runouts (Maximums)
BUSHING
SERVO
Shaft Runout
0.002" (0.05 cm)
0.002" (0.05 cm)
Pilot Dia. Runout
-
0.002" (0.05 cm)
Lateral Runout
0.005" (0.13 cm)
0.002" (0.05 cm)
Shaft End Play
0.006" (0.15 cm)
0.005" (0.13 cm)
Shaft Radial Play
0.003" (0.08 cm)
0.002" (0.05 cm)
Weight
0.5 oz. maximum (14.18 g)
MOUNTING SURFACE
0.875
(22.22)
± 0.031
0.030 MAX.
(0.76)
Ø 0.375 (9.52) x 0.062 (1.57)
WIDE IMPERFECT THR’D AREA
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.312
(7.92)
Ø 0.350 MAX.
(8.89)
3/
8 - 32 UNEF - 2A
Ø 0.062 (1.57) x 0.062 HIGH
(1.57) LOCATING PIN
0.365
(9.27)
± 0.010
± 0.015
0.345
(8.76)
± 0.010
0.125
(3.18)
Ø 0.875
(22.22)
90°
0.190 TERMINAL RADIUS
(4.83)
0.500
(12.70)
MOUNTING SURFACE
Ø 0.200 MAX.
(5.08)
Ø 0.1248
(3.17)
+ 0.0000
- 0.0005
Ø 0.7500
(19.05)
Ø 0.875
(22.22)
Ø 0.750
MAX.
(19.05)
± 0.015
0.455 (11.56)
0.062 (1.57)
0.062 (1.57)
0.062 (1.57)
0.020 MAX.
(0.51)
+ 0.0000
- 0.0003
± 0.031
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com