Electronic Components Datasheet Search
  English  ▼

X  

MODEL357 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MODEL357
Description  7/8 (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL357 Datasheet(HTML) 1 Page - Vishay Siliconix

  MODEL357 Datasheet HTML 1Page - Vishay Siliconix MODEL357 Datasheet HTML 2Page - Vishay Siliconix MODEL357 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7/8" (22.2 mm) Conductive Plastic
Potentiometer, Bushing Mount Type
Model 357
Vishay Spectrol
Document Number: 57059
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 15-Nov-07
21
FEATURES
• 7/8" diameter single turn
• Compact size, advanced design technology
• Offer a cost effective solution to your
potentiometer requirements
• Suitable model for all industrial applications
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Resistance
Standard range, 1 k
Ω to 50 kΩ
Tolerance
STANDARD
± 20 %
SPECIAL TO
± 10 %
Linearity (Independent)
STANDARD
± 2.0 %
SPECIAL
± 1.0 %
Output Smoothness
0.1 % maximum
TCR
± 600 ppm/°C maximum
Power Rating
1.0 W at 70 °C derated to 0 W at 125 °C
Electrical Travel
340° ± 3°
End Voltage
0.5 % maximum
Dielectric Withstanding Voltage
1000 VRMS, 60 Hz
Insulation Resistance
1000 M
Ω, 500 V
DC
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous (optional mechanical stops 340° ± 3°)
Mounting
3/8 - 32 UNEF - 2A
Operating Torque Maximum
Starting and running 3.68 mNm (0.5 oz. - in)
Shaft Tolerance Maximum
Runout
0.13 mm (0.005")
End Play
0.25 mm (0.010")
Radial Play
0.13 mm (0.005")
Weight
17.5 g (0.62 oz.)
ORDERING INFORMATION/DESCRIPTION
357
B
0
10K
20 %
A
BO50
0 P 22
e4
MODEL
STYLE
FEATURES
OHMIC
VALUE
TOLERANCE
ON OHMIC VALUE
LINEARITY PACKAGING
SHAFT TYPE
LEAD
Bushing
0
Non turn pin and
continuous rotation
From 1K
to 50 K
± 10 %
or
± 20 %
X: ± 2 %
A: ± 1 %
Box of 50
pieces
Shaft diameter
0 = 6.0 mm or
1 = 6.35 (1/4")
Finish
1
No non turn pin and
continuous rotation
Shaft type
P = plain
S = slotted FMF
(from Mounting
face)
2
Non turn pin, with
stops on rotation
Range from 12
mm to 75 mm in 1
mm increments
3
No non turn pin
with stops on
rotation
SAP PART NUMBERING GUIDELINES
357B
2
203
M
X
B25
1S22
MODEL
FEATURES
OHMIC VALUE
TOLERANCE
ON OHMIC VALUE
LINEARITY
PACKAGING
SHAFT TYPE
203 = 20K
M: ± 20 %/K: ± 10 %
X: ± 2 %
Box of 50 Pieces


Similar Part No. - MODEL357

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL357 VISHAY-MODEL357 Datasheet
100Kb / 4P
7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
MODEL357 VISHAY-MODEL357_V01 Datasheet
100Kb / 4P
7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
More results

Similar Description - MODEL357

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL157 VISHAY-MODEL157 Datasheet
249Kb / 3P
7/8 (22.2 mm) Precision Industrial Potentiometer Bushing and Servo Mount Versions, Conductive Plastic
18-Jun-07
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
07-Sep-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
02-Jul-07
MODEL357 VISHAY-MODEL357_V01 Datasheet
100Kb / 4P
7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
157 VISHAY-157_V01 Datasheet
113Kb / 4P
7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
06-Nov-15
357 VISHAY-357_V01 Datasheet
99Kb / 4P
(22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com