Electronic Components Datasheet Search
  English  ▼

X  

MODEL357 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL357
Description  7/8 (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL357 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL357 Datasheet HTML 1Page - Vishay Siliconix MODEL357 Datasheet HTML 2Page - Vishay Siliconix MODEL357 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 357
Vishay Spectrol
7/8" (22.2 mm) Conductive Plastic
Potentiometer, Bushing Mount Type
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57059
22
Revision: 15-Nov-07
DIMENSIONS in millimeters
Vishay
90.0°
REAR LID
MARKINGS ON
THIS FACE
R 45
MOUNTING
SURFACE
22.0 (FMF)
3.2
9.3
8.8
1.5
0.7
0.4 x 45°
0.8
1.6
Ø
1.56
10.3
Ø 6.35 mm SHAFT VERSION
Ø 6.0 mm SHAFT VARIATION: METRIC
TOLERANCES: LINEAR ± 0.50
ANGULAR ± 2°
HOUSING
MARKINGS ON
THIS FACE
CW
SCHEMATIC
2
3
1
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g, 10 to 2000 Hz
Shock
50 g
Load Life
1000 h
Storage Temperature Range
- 55 °C to + 125 °C
Life
5 000 000 shaft revolutions
Materials:
Housing:
Thermoplastic housing
Bushing:
Brass, nickel plated
Rear Lid:
Alumina
Shaft:
Stainless steel
Terminals:
Turret type, solder plated
Bushing Mount Hardware
Lockwasher Internal Tooth:
Steel, nickel plated
Panel Nut:
Brass nickel plated
MARKING
Unit
Indentification
Manufacturer’s name and model number,
resistance value and tolerance, linearity
specification date code and terminal
identification
RESISTANCE VALUE
Ohms
1K, 2K, 5K, 10K, 20K, 50K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com