Electronic Components Datasheet Search
  English  ▼

X  

36MB80A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 36MB80A
Description  Single Phase Bridge (Power Modules), 25/35 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36MB80A Datasheet(HTML) 3 Page - Vishay Siliconix

  36MB80A Datasheet HTML 1Page - Vishay Siliconix 36MB80A Datasheet HTML 2Page - Vishay Siliconix 36MB80A Datasheet HTML 3Page - Vishay Siliconix 36MB80A Datasheet HTML 4Page - Vishay Siliconix 36MB80A Datasheet HTML 5Page - Vishay Siliconix 36MB80A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93563
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 27-Jun-08
3
MB Series
Single Phase Bridge
(Power Modules), 25/35 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Maximum Allowable Ambient Temperature
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
50
70
90
110
130
150
0
5
10
15
20
25
30
180°
(Rect)
180°
(Sine)
26MB..A Series
Instantaneous Forward Voltage (V)
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
26MB..A Series
Tj = 25 °C
Tj = 150 °C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
0
5
10
15
20
25
180°
(Sine)
26MB..A Series
TJ = 150 °C
180°
(Rect)
0
25
50
75
100
125
150
2 K/
W
3 K/
W
4 K/
W
5 K/
W
7 K/W
10 K/W
Number of Equal Amplitude Half Cycle Current Pulses (N)
100
150
200
250
300
350
400
110
100
26MB..A Series
At Any Rated Load Condition And With
Initial TJ = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Rated VRRM Applied Following Surge
50
150
250
350
450
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
26MB..A Series
Initial TJ = 150 °C
No Voltage Reapplied
Rated VRRM Reapplied
Pulse Train Duration (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com