Electronic Components Datasheet Search
  English  ▼

X  

36MB80A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 36MB80A
Description  Single Phase Bridge (Power Modules), 25/35 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36MB80A Datasheet(HTML) 4 Page - Vishay Siliconix

  36MB80A Datasheet HTML 1Page - Vishay Siliconix 36MB80A Datasheet HTML 2Page - Vishay Siliconix 36MB80A Datasheet HTML 3Page - Vishay Siliconix 36MB80A Datasheet HTML 4Page - Vishay Siliconix 36MB80A Datasheet HTML 5Page - Vishay Siliconix 36MB80A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93563
4
Revision: 27-Jun-08
MB Series
Vishay High Power Products
Single Phase Bridge
(Power Modules), 25/35 A
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
50
70
90
110
130
150
0
5
10
15
20
25
30
35
40
180°
(Rect)
180°
(Sine)
36MB..A Series
Instantaneous Forward Voltage (V)
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
TJ = 25 °C
TJ = 150 °C
36MB..A Series
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
35
25
50
75
100
125
15
0
1 K/
W
2 K/
W
3 K/
W
4 K/W
5 K/W
7 K/W
RthSA
=
0.7
K/
W
- Delt
a R
0
20
40
60
80
0
5
10
15
20
25
30
180°
(Sine)
180°
(Rect)
36MB..A Series
TJ = 150 °C
Number of Equal Amplitude Half Cycle Current Pulses (N)
100
150
200
250
300
350
400
450
110
100
At Any Rated Load Condition And With
Rated VRRM Applied Following Surge.
Initial TJ = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
36MB..A Series
Pulse Train Duration (s)
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial TJ = 150 °C
No Voltage Reapplied
Rated VRRM Reapplied
36MB..A Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com