Electronic Components Datasheet Search
  English  ▼

X  

TS6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS6
Description  Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS6 Datasheet(HTML) 1 Page - Vishay Siliconix

  TS6 Datasheet HTML 1Page - Vishay Siliconix TS6 Datasheet HTML 2Page - Vishay Siliconix TS6 Datasheet HTML 3Page - Vishay Siliconix TS6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 51010
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 26-Jun-07
27
TS6
Vishay Sfernice
Multi-Turn Surface Mount
Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Three variations are available according to the positioning of
the control screw and contact positions.
The TS6 multi-turn trimmer has been designed for use in PCB
surface mounting applications.
The cermet track gives a high stability performance with an
extended ohmic capacity of 10
Ω to 2 MΩ
FEATURES
• 0.25 W at 85 °C
• GAM T1
• Military and professional grade
• Multi-turn operation
• A low contact resistance variation (down to 2 % Rn)
• Low end contact resistance (1 Ω typical)
• Full sealing
• Tests according to CECC 41 000
DIMENSIONS in millimeters
TS6X
TS6Z
TS6Y
RECOMMENDED
SOLDERING AREAS
CIRCUIT DIAGRAM
Tolerance unless otherwise specified ± 0.5
b
c
Ø 0.45
slot 0.5 x 0.5
0.25
5.8 ± 0.10
Ø 1.8
0.7
6.85 max
6.85 max
0.20
2.54
2.54
5 max
1 ± 0.10
6.7 max
Ø 1.8
1.3 ± 0.1
7.6 max
2.54
2.54
Ø 0.45
6.85 max
0.25
slot 0.5 x 0.5
6.85 max
5 max
1 ± 0.1
8.85 max
5.3 max
c
b
1 ± 0.10
a
6.85 max
0.3
Ø 1.8
8 max
slot 0.5 x 0.5
2.54
2.54
5 max
6.7 max
1
2.54
2.54
7.5
c
b
a
3
3
b
c
a
9.3
2.54
2.54
1
2.54
2.54
1
7.5
c
b
a
3
a
c
b
cw
(2)
(3)
(1)
RoHS
COMPLIANT


Similar Part No. - TS6

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
TS6 STATEK-TS6 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
116Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
22-Sep-15
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
DC SOLID STATE RELAYS
TS600 MACOM-TS600 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
More results

Similar Description - TS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
24-Jul-07
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
08-Feb-10
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
TS6 VISHAY-TS6_17 Datasheet
116Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
17-Oct-2018
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com