Electronic Components Datasheet Search
  English  ▼

X  

TS6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TS6
Description  Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS6 Datasheet(HTML) 3 Page - Vishay Siliconix

  TS6 Datasheet HTML 1Page - Vishay Siliconix TS6 Datasheet HTML 2Page - Vishay Siliconix TS6 Datasheet HTML 3Page - Vishay Siliconix TS6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 51010
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 26-Jun-07
29
TS6
Multi-Turn Surface Mount
Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Vishay Sfernice
MARKING
Printed: VISHAY trademark, model, style, ohmic value (in Ω,
kΩ, MΩ), tolerance (in %) only if non standard, manufacturing
date, marking of terminal 3.
SOLDERING RECOMMENDATION
Soldering cycle: 10 s at 220 °C max or with an 40 W iron;
3 s at 350 °C. Soldering is recommended by reflow or vapor
phase.
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 85 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
Ω
WV
mA
ppm/°C
10
22
47
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2M
0.25
0.25
0.13
0.06
0.03
158
2.34
3.43
5
7.42
10.8
15.8
23.4
34.3
50
74.2
108.4
158
234
250
250
250
158
107
73
50
34
23
15.8
10.7
7.3
5
3.37
2.31
1.58
1.97
0.53
0.25
0.125
± 100
PACKAGING
- X, Y and Z types: on tape and reel (Dia. 330 mm) of 500 pieces: TR
- In magazine pack by 50 pieces (Tube) code “TU”
ORDERING INFORMATION
TS6
MODEL
Y
STYLE
470 k
Ω
OHMIC VALUE
± 10 %
TOLERANCE
TU50
PACKAGING
e3
LEAD FINISH
TU50: Tube
On request - TR500: Tape and reel
e3: pure Sn
SAP PART NUMBERING GUIDELINES
TS
6Y
4
7
4K
T2
0
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com