Electronic Components Datasheet Search
  English  ▼

X  

TSM4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSM4
Description  Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix TSM4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51009
22
See also: Application notes
Revision: 02-Oct-07
TSM4
Vishay Sfernice
Surface Mount Miniature Trimmers
Multi-Turn Cermet Sealed
MECHANICAL SPECIFICATIONS
Mechanical Travel
13 turns ± 2
Operating Torque (max. Ncm) 1
End Stop Torque (Ncm)
clutch action (2 turns max)
Unit Weight (max. g)
0.15
Wiper (actual travel)
positioned at approx. 50 %
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/56
Sealing
sealed container
solder immersion IP67
MSL Level
1
POWER RATING CHART
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
11 turns ± 2
Resistance Range
10
Ω to 1 MΩ
Standard Series
1 - 2 - 5
Tolerance Standard
± 10 %
Power Rating
Linear
0.25 W at + 85 °C
Logarithmic
Not applicable
Temperature Coefficient
See Standard Resistance Element Table
Limiting Element Voltage (Linear Law)
200 V
Contact Resistance Variation (Typical)
2 % or 3
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
600 V
Insulation Resistance
106 M
Ω
0
20
40
60
85
100
120
140
155
0
0.125
0.25
AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Load Life
1000 hours at rated power
90'/30' - ambient temperature + 85 °C
± 2 %
± 3 %
Contact resistance variation:
Δ > 1 % Rn
Moisture Resistance
MIL STD 202 Method 106
10 cycles of 24 hours constituted
with damp heat - cold - vibrations
± 2 %
± 3 %
Dielectric strength: 1000 V RMS
Insulation resistance: > 104 M
Ω
Long Term Damp Heat
Temperature 40 °C - RH 93 %
56 days
± 2 %
± 3 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
Ω
Thermal Shock
- 55 °C to + 125 °C - 5 cycles
± 1 %
ΔV1-2
V1-3
≤ ± 2 %
Rotational Life (Electrical and Mechanical)
100 cycles - rated power
± (3 % + 3
Ω)
Shock
MIL STD 202 Method 213/1
100 g - 6 ms
3 successive shocks in 3 directions
± 1 %
ΔV1-2
V1-3
≤ ± 1 %
Vibration
MIL STD 202 Method 204/D
20 g - 12 hours
± 1 %
ΔV1-2
V1-3
≤ ± 1 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com